Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLH2805s/KR Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SLH2805s/KR
Description  SLH Single and Dual DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SLH2805s/KR Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SLH2805s/KR Datasheet HTML 1Page - Interpoint Corporation Company SLH2805s/KR Datasheet HTML 2Page - Interpoint Corporation Company SLH2805s/KR Datasheet HTML 3Page - Interpoint Corporation Company SLH2805s/KR Datasheet HTML 4Page - Interpoint Corporation Company SLH2805s/KR Datasheet HTML 5Page - Interpoint Corporation Company SLH2805s/KR Datasheet HTML 6Page - Interpoint Corporation Company SLH2805s/KR Datasheet HTML 7Page - Interpoint Corporation Company SLH2805s/KR Datasheet HTML 8Page - Interpoint Corporation Company SLH2805s/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SLH 28 12 D / K R
Base Model
Input Voltage
Output Voltage
Screening
Radiation Hardness
Assurance (RHA)
Number of Outputs
(S = single, D = dual)
Model nuMbering Key
Model nuMber options
On the lines belOw, enter One selectiOn frOm each categOry tO determine the mOdel number.
category
base Model and
input Voltage
output Voltage
number of
outputs 1
screening 2
rHa 3
options
SLH28
05, 12, 15
S
O
O
05, 12, 15
D
H
L
K
R
Fill in For Model #
SLH28
__
__________
/
_______
notes:
1. number of Outputs: S is a single output and D is a dual output.
2. Screening: A screening level of O is a Space Prototype and is only used with RHA O. See Table 8 on page 11 and Table 9 on page 12 for more information.
3. RHA: Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) RHA level of MIL-PRF-38534, which is defined as “no RHA.” RHA O
is only available with Screening level O. See Table 9 on page 12 for more information.
tabLe 3: SmD number croSS reFerence
sMd nuMbers
standard micrOcircuit
drawing (smd)
slh similar Part
5962R0052601KXC
SLH2805S/KR
5962R0052701KXC
SLH2812S/KR
5962R0052801KXC
SLH2815S/KR
5962R0250401KXC
SLH2805D/KR
5962R9955601KXC
SLH2812D/KR
5962R9852901KXC
SLH2815D/KR
The SMD number shown is for Class K screening and radiation
hardness assurance (RHA) level R. See the SMD for the numbers
for other screening and radiation levels. For exact specifications
for an SMD product, refer to the SMD drawing. SMDs can be
downloaded from
www.landandmaritime.dla.mil/programs/smcr
tabLe 4: SmD number croSS reFerence
Figure 3: moDeL numbering key
Crane Aerospace & Electronics Power Solutions
SLH Single and Dual DC-DC Converters
28 VoLt input – 1.5 Watt
Page 3 of 12
www.craneae.com/interpoint
SLH Rev AB - 2015.10.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com