Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2805S/KR Datasheet(PDF) 13 Page - Interpoint Corporation Company

Part # SMFL2805S/KR
Description  SMFL Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2805S/KR Datasheet(HTML) 13 Page - Interpoint Corporation Company

Back Button SMFL2805S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 12Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 13Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 14Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 15Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
(3.45 (87.6))
lead center to lead center
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
0.128 dia
(3.25)
0.040 dia
(1.02)
TOP VIEW CASE V
Flanged case, down leaded
Case “V” requires a “V” in the Case Option position of the model number.
1
2
3
4
5
6
12
11
10
9
8
7
Maximum dimensions: 3.005 x 1.505 (76.33 x 38.23 mm)
Angled corner
indicates pin one.
Weight: 86 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
OFHC copper/gold, compresssion glass seal
Gold plating of 50 - 150 microinches is included in pin diameter
Seal Hole: 0.120 ±0.002 (3.05 ±0.05)
Case V, Rev H, 2014.03.06
Please refer to the numerical dimensions for accuracy.
Seam Seal
0.000
0.220 (5.59)
0.400 (10.16) max.
0.050 typical
inner radius
0.150 (3.81)
Lead Detail
(2.80 (71.1))
(0.250 ±0.05
(6.35 ±1.27))
(lead center to lead center)
Figure 19: caSe V
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 13 of 15
sMFL single and dual dc-dc converters
28 VoLt input – 65 Watt
SMFL Rev AC - 2016.02.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com