Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLH2805d/KR Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SLH2805d/KR
Description  SLH Single and Dual DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SLH2805d/KR Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SLH2805d/KR Datasheet HTML 2Page - Interpoint Corporation Company SLH2805d/KR Datasheet HTML 3Page - Interpoint Corporation Company SLH2805d/KR Datasheet HTML 4Page - Interpoint Corporation Company SLH2805d/KR Datasheet HTML 5Page - Interpoint Corporation Company SLH2805d/KR Datasheet HTML 6Page - Interpoint Corporation Company SLH2805d/KR Datasheet HTML 7Page - Interpoint Corporation Company SLH2805d/KR Datasheet HTML 8Page - Interpoint Corporation Company SLH2805d/KR Datasheet HTML 9Page - Interpoint Corporation Company SLH2805d/KR Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
tabLe 7: eLectricaL characteriSticS: -55° to +125°c caSe, 28 vDc vin, 100% LoaD, unLeSS otherwiSe SPeciFieD
DUAL OUTPUT MODELS
SLH2805D
SLH2812D
SLH2815D
UnITS
PARAMETER
COnDITIOnS
MIn
TYP
MAX
MIn
TYP
MAX
MIn
TYP
MAX
OUTPUT VOLTAgE 2
±VOUT
4.80
5.00
5.20
11.52 12.00 12.48 14.40 15.00 15.60
V
OUTPUT CURREnT 3
EACH OUTPUT
—
150
240
—
62.5
100
—
50
80
mA
VIn = 16 TO 40 V
TOTAL
300
125
100
OUTPUT POWER 3
EACH OUTPUT
—
0.75
1.2
—
0.75
1.2
—
0.75
1.2
W
VIn = 16 TO 40 V
TOTAL
1.5
1.5
1.5
OUTPUT RIPPLE
TC = 25°C
—
—
250
—
—
400
—
—
500
mV p-p
10 kHz - 2 MHz ±VOUT
TC = -55°C TO +125°C
—
—
250
—
—
400
—
—
500
LInE REgULATIOn ±VOUT
VIn = 16 TO 40 V
—
75
400
—
75
700
—
85
650
mV
LOAD REgULATIOn 4
BALAnCED LOADS
10% - 100%
±VOUT
—
310
700
—
350
700
—
370
700
mV
InPUT VOLTAgE
COnTInUOUS
nO LOAD TO FULL
16
28
40
16
28
40
16
28
40
V
TRAnSIEnT 1 50 ms
0
—
50
0
—
50
0
—
50
ms
InPUT CURREnT
nO LOAD
—
3.1
17
—
3.1
17
—
3.3
17
mA
InHIBITED
—
1.4
5
—
1.4
5
—
1.4
5
InPUT RIPPLE CURREnT 5 10 kHz - 10 MHz
–
80
250
–
90
300
–
100
300
mA p-p
EFFICIEnCY
TC = 25°C
72
75
—
80
87
—
80
87
—
%
TC = -55°C TO +125°C
69
—
—
69
—
—
69
—
—
LOAD FAULT 6
SHORT CIRCUIT
POWER DISSIPATIOn
—
0.3
1.5
—
0.3
1.2
—
0.3
1.2
W
RECOVERY 1
—
—
30
–
1
30
—
1
30
ms
STEP LOAD RESPOnSE
BALAnCED LOADS
TRAnSIEnT 8
—
±150
±400
—
±170
±600
—
±200
±700
mV pk
50% - 100% - 50% ±VOUT
RECOVERY 1, 7
—
—
600
—
—
360
—
—
600
µs
STEP LInE RESPOnSE 1
TRAnSIEnT 8
—
—
±600
—
—
±600
—
—
±600
mV pk
16 - 40 - 16 V, ±VOUT
RECOVERY 7
—
—
500
—
—
500
—
—
500
µs
START-UP 9
DELAY
—
1
20
—
2
20
—
2
20
ms
±VOUT
OVERSHOOT 1
—
—
500
—
—
500
—
—
500
mV pk
CAPACITIVE LOAD 1
TC = 25°C, EACH OUTPUT
nO EFFECT On DC
PERFORMAnCE
—
—
100
—
—
100
—
—
100
µF
notes
1. guaranteed by characterization test and/or analysis. not a production test.
2. Specified at 50%/50% balanced loads, one half of full load.
3. Maximum specification indicates 80% of the converter’s total current/power is
available from either output, provided the other output carries 20% of the total
power.
4. Although no minimum load is required, at no load the output voltage may exceed
rating by up to 15%.
5. An external 6 µH inductor, added in series to the input, is necessary to maintain
specifications.
6. Load fault is a short circuit into 1 . Recovery is into resistive full load.
7. Recovery is time for ±VOUT to settle to within 1% of final value.
8. Transition time > 10 µs.
9. Measured from release of inhibit until VOUT settles to within 1% of final value at
full load with VIn at 28 V.
Crane Aerospace & Electronics Power Solutions
SLH Single and Dual DC-DC Converters
28 VoLt input – 1.5 Watt
Page 6 of 12
www.craneae.com/interpoint
SLH Rev AB - 2015.10.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com