Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC824 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUC824
Description  MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC824 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUC824 Datasheet HTML 17Page - Analog Devices ADUC824 Datasheet HTML 18Page - Analog Devices ADUC824 Datasheet HTML 19Page - Analog Devices ADUC824 Datasheet HTML 20Page - Analog Devices ADUC824 Datasheet HTML 21Page - Analog Devices ADUC824 Datasheet HTML 22Page - Analog Devices ADUC824 Datasheet HTML 23Page - Analog Devices ADUC824 Datasheet HTML 24Page - Analog Devices ADUC824 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
REV. B
ADuC824
–21–
PROG.
CLOCK
DIVIDER
WATCHDOG
TIMER
256 8
USER RAM
POWER SUPPLY
MONITOR
AIN3
AIN4
AIN5
AIN1
AIN2
REFIN
REFIN
IEXC2
IEXC1
AIN
MUX
TEMP
SENSOR
AIN
MUX
BANDGAP
REFERENCE
VREF
DETECT
CURRENT
SOURCE
MUX
200 A
200 A
5
6
20
34
48
21
35
47
15
26
27
14
13
32
BUF
ADuC824
AUXILIARY ADC
16-BIT
-
ADC
ADC CONTROL
AND
CALIBRATION
PGA
PRIMARY ADC
24-BIT
-
ADC
ADC CONTROL
AND
CALIBRATION
3
22
T0
23
T1
2
T2EX
T2
1
18
INT0
19
INT1
DAC
40
41
17
16
640 8
DATA
FLASH/EE
8K 8
PROGRAM
FLASH/EE
ASYNCHRONOUS
SERIAL PORT
(UART)
8052
MCU
CORE
DOWNLOADER
DEBUGGER
42
DAC
CONTROL
BUF
SYNCHRONOUS
SERIAL INTERFACE
(SPI OR I2C)
16-BIT
COUNTER
TIMERS
TIME
INTERVAL
COUNTER
33
OSC
AND
PLL
43
44 45
46
49 50
51 52
1
2
3
4
9
10
11
12
28
29 30
31 36
37 38
39
16
17
18
19
22 23
24
25
12-BIT
VOLTAGE
OUTPUT DAC
Figure 12. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com