Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR2805s/KR Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # SMTR2805s/KR
Description  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2805s/KR Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button SMTR2805s/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2805s/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2805s/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2805s/KR Datasheet HTML 9Page - Interpoint Corporation Company SMTR2805s/KR Datasheet HTML 10Page - Interpoint Corporation Company SMTR2805s/KR Datasheet HTML 11Page - Interpoint Corporation Company SMTR2805s/KR Datasheet HTML 12Page - Interpoint Corporation Company SMTR2805s/KR Datasheet HTML 13Page - Interpoint Corporation Company SMTR2805s/KR Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
table 10: environmental Screening anD rha levelS
Table is for reference only. See individual Series' datasheets for specific screening.
table 4: environmental Screening Space Dc-Dc converterS prototype, claSS h anD claSS K, rha p, l anD r
enVironMental Screening SPace dc-dc conVerterS PrototyPe,
claSS h and claSS K, rha1 P, l and r
non
-QMl 2
QMl 3
PrototyPe
claSS h
claSS K
teSt PerforMed
/oo 4
/hP
/hl
/hr
/KP
/Kl
/Kr
Non-destruct wire bond pull, Method 2023
n 5
n 5
n 5
n
n
n
Pre-cap Inspection, Method 2017, 2032
n
n
n
n
n
n
n
Temperature Cycle (10 times) (Qual 100 times)
Method 1010, Cond. C, -65°C to +150°C, ambient
n
n
n
n
n
n
n
Constant Acceleration
Method 2001, 3000 g (Qual 5000 g)
n
n
n
n
n
n
n
PIND, Test Method 2020, Cond. A
n 5
n 5
n 5
n
n
n
Pre burn-in test, group A, Subgroups 1 and 4
n
n 5
n 5
n 5
n
n
n
burn-in Method 1015, +125°C case, typical 6
96 hours
n
160 hours
n
n
n
2 x 160 hours (includes mid-BI test)
n
n
n
Final Electrical Test, MIl-PRF-38534, group A,
Subgroups 1 and 4: +25°C case
n
Subgroups 1 through 6, -55°C, +25°C, +125°C case
n
n
n
n
n
n
Hermeticity Test, Method 1014
Gross Leak, Cond. B2, Kr85
n
n
n
Gross Leak, Cond. C1, fluorocarbon
n
n
n
n
Fine Leak, Cond. B1, Kr85
n
n
n
Fine Leak, Cond. A2, helium
n
n
n
n
Radiography, Method 2012
n
n
n
Post Radiography Electrical Test, +25°C case
n 5
n 5
n 5
Final visual inspection, Method 2009
n
n
n
n
n
n
n
RHA P: 30 krad(Si) total dose 1, 7, 8
n
n
RHA l: 50 krad(Si) total dose 1, 7, 8
n
n
RHA R: 100 krad(Si) total dose 1, 7, 8
n
n
SEE, lET 86 MeV cm2/mg 1, 9
n
n
n
n
n
n
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes
1. Our Redmond facility has a DLA approved RHA plan for Interpoint power
products. Our SMD products with RHA “P”, “L” or “R” code meet DLA
requirements.
2. Non-QML prototype products may not meet all of the requirements of
MIL-PRF-38534.
3. All processes are QML qualified and performed by certified operators.
4. “O” in the RHA designator position in Interpoint model numbers indicates DLA
RHA “-” defined as no RHA.
5. Not required by DLA but performed to assure product quality.
6. Burn-in temperature designed to bring the case temperature to +125°C minimum.
Burn-in is a powered test.
7. High dose rate test.
8. Low dose rate test.
9. No destructive events or SEL.
Crane Aerospace & Electronics Power Solutions
SMTR Series Single and Dual, SMTR Rev AC - 2015.10.14. This revision supersedes all previous releases. All technical information is believed
to be accurate, but no responsibility is assumed for errors or omissions. Crane Electronics, Inc. reserves the right to make changes in products
or specifications without notice. Interpoint is a registered trademark of Crane Co. and SMTR Series is a trademark of Crane Electronics, Inc.
Copyright © 1999-2015 Crane Electronics, Inc. All rights reserved. www.craneae.com/interpoint
Page 14 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com