Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF28-461 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # STF28-461
Description  STF28-461 EMI Input Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

STF28-461 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  STF28-461_07 Datasheet HTML 1Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 2Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 3Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 4Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 5Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 6Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 7Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 8Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ElectricalCharacteristics:25°CTc,nominalVin,unlessotherwisespecified.
Notes:
1. Guaranteed by design, not tested.
STF28-461
parameter
COnDitiOnS
min
typ
maX
unitS
input VOltage
COntinuOuS
0
28
50
VDC
input Current1
—
—
0.80
A
nOiSe reJeCtiOn
500kHz
50
—
—
50
—
—
45
—
—
dB
1MHz
5MHz
DC reSiStanCe (rDC)
tC = 25°C
—
—
1.2
Ω
Output VOltage
SteaDy State
VOUT = VIN - IIN(RDC)
VDC
Output Current
SteaDy State
—
—
0.80
A
pOwer DiSSipatiOn
at maXimum Current
—
—
1.15
W
Crane Aerospace & Electronics Power Solutions
STF28-461 EMI Input Filters
Page 5 of 10
RevA-20070509
28 VOlT INPuT – 0.8 aMP
www.craneae.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com