Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMRT28512T/KR Datasheet(PDF) 37 Page - Interpoint Corporation Company

Part # SMRT28512T/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT28512T/KR Datasheet(HTML) 37 Page - Interpoint Corporation Company

Back Button SMRT28512T/KR Datasheet HTML 33Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 34Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 35Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 36Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 37Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 38Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 39Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 40Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 41Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Vin
Main
+Aux
100µs/div
Vin19to56V,fullresistiveload
Vin
Main
+Aux
100µs/div
Vin56to19V,fullresistiveload
-4.0%
-3.0%
-2.0%
-1.0%
0.0%
1.0%
2.0%
3.0%
20%
30%
40%
50%
60%
70%
80%
Aux Load (%)
Cross Regulation
(Vin = 28 Volts)
-55 C
25 C
125 C
-55 C
25 C
125 C
-8.0%
-6.0%
-4.0%
-2.0%
0.0%
2.0%
4.0%
6.0%
8.0%
10.0%
20%
30%
40%
50%
60%
70%
80%
Aux Load (%)
Cross Regulation
(Vin = 28 Volts)
-55 C
25 C
125 C
-55 C
25 C
125 C
-5.0%
-4.0%
-3.0%
-2.0%
-1.0%
0.0%
1.0%
2.0%
3.0%
4.0%
20%
30%
40%
50%
60%
70%
80%
Aux Load (%)
Cross Regulation
!"#$%&%'(%")*+,-%
-55 C
25 C
125 C
-55 C
25 C
125 C
SMRT28515TCrossRegulation
SMRT28507TCrossRegulation
SMRT283R312TCrossRegulation
+AuxLoad(%),28VIN
+AuxLoad(%),28VIN
+AuxLoad(%),28VIN
-55°C25°C125°C
-55°C25°C125°C
-55°C25°C125°C
1ms/div
Load50-100-50%,28Vin
Vin
4ms/div
Fullresistiveload,28Vin
SMRT283R312TRepresentative
ofTripleOutputLoadTransient
1ms/div
Load50-100-50%,50Vin
4ms/div
Fullresistiveload,50Vin
SMRT283R312TRepresentative
ofTripleOutputTurnOnDelay
SMRT283R312TRepresentative
ofTripleOutputTurnOnDelay
SMRT283R312TRepresentative
ofTripleOutputLoadTransient
SMRT283R312TRepresentative
ofTripleOutputLineTransient
SMRT283R312TRepresentative
ofTripleOutputLineTransient
FIgure 47
FIgure 48
FIgure 49
FIgure 50
FIgure 51
FIgure 52
FIgure 53
FIgure 54
FIgure 55
Main
Main
Main
+Aux
+Aux
+Aux
-Aux
-Aux
-Aux
Vin
Main
+Aux
-Aux
-Aux20%fixed,
+Aux20%to80%
-Aux20%fixed,
+Aux20%to80%
-Aux20%fixed,
+Aux20%to80%
-Aux20%to80%
+Aux20%fixed
-Aux20%to80%
+Aux20%fixed
-Aux20%to80%
+Aux20%fixed
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page37of44
sMrt single, dual and triple space dc-dc converters
SMRT28RevAJ-2016.05.03
Typical performance ploTs: Vin as specified, 25°c case, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are noT guaranTeed specificaTions.
triple output representatiVe plots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com