Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461ARM Datasheet(PDF) 15 Page - Analog Devices

Part # ADT7461ARM
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button ADT7461ARM Datasheet HTML 11Page - Analog Devices ADT7461ARM Datasheet HTML 12Page - Analog Devices ADT7461ARM Datasheet HTML 13Page - Analog Devices ADT7461ARM Datasheet HTML 14Page - Analog Devices ADT7461ARM Datasheet HTML 15Page - Analog Devices ADT7461ARM Datasheet HTML 16Page - Analog Devices ADT7461ARM Datasheet HTML 17Page - Analog Devices ADT7461ARM Datasheet HTML 18Page - Analog Devices ADT7461ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADT7461
serial bus in a single read or write operation is limited only
by what the master and slave devices can handle.
3.
When all data bytes have been read or written, stop condi-
tions are established. In write mode, the master will pull the
data line high during the tenth clock pulse to assert a STOP
condition. In read mode, the master device will override
the acknowledge bit by pulling the data line high during
the low period before the ninth clock pulse. This is known
as No Acknowledge. The master will then take the data line
low during the low period before the tenth clock pulse,
then high during the tenth clock pulse to assert a STOP
condition.
Any number of bytes of data may be transferred over the serial
bus in one operation, but it is not possible to mix read and write
in one operation because the type of operation is determined at
the beginning and cannot subsequently be changed without
starting a new operation. In the case of the ADT7461, write
operations contain either one or two bytes, while read opera-
tions contain one byte.
To write data to one of the device data registers or to read
data from it, the address pointer register must be set so that the
correct data register is addressed. The first byte of a write opera-
tion always contains a valid address that is stored in the address
pointer register. If data is to be written to the device, the write
operation contains a second data byte that is written to the
register selected by the address pointer register.
This is illustrated in
. The device address is sent over
the bus followed by R/W set to 0. This is followed by two data
bytes. The first data byte is the address of the internal data
register to be written to, which is stored in the address pointer
register. The second data byte is the data to be written to the
internal data register.
Figure 15
Figure 15. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
A6
19
1
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
SDAT
9
A
START BY
MASTER
ACK. BY
ADT7461
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
SCLK (CONTINUED)
SDATA (CONTINUED)
ACK. BY
ADT7461
ACK. BY
ADT7461
STOP BY
MASTER
9
1
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
SDATA
START BY
MASTER
ACK. BY
ADT7461
ACK. BY
ADT7461
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
A6
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
9
Figure 16. Writing to the Address Pointer Register Only
SCLK
SDATA
START BY
MASTER
ACK. BY
ADT7461
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM ADT7461
ACK. BY
ADT7461
STOP BY
MASTER
19
1
9
A6
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Figure 17. Reading from a Previously Selected Register
Rev. 0 | Page 15 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com