Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVC16T245MDGGREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC16T245MDGGREP
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC16T245MDGGREP Datasheet(HTML) 5 Page - Texas Instruments

  CLVC16T245MDGGREP Datasheet HTML 1Page - Texas Instruments CLVC16T245MDGGREP Datasheet HTML 2Page - Texas Instruments CLVC16T245MDGGREP Datasheet HTML 3Page - Texas Instruments CLVC16T245MDGGREP Datasheet HTML 4Page - Texas Instruments CLVC16T245MDGGREP Datasheet HTML 5Page - Texas Instruments CLVC16T245MDGGREP Datasheet HTML 6Page - Texas Instruments CLVC16T245MDGGREP Datasheet HTML 7Page - Texas Instruments CLVC16T245MDGGREP Datasheet HTML 8Page - Texas Instruments CLVC16T245MDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN74LVC16T245-EP
www.ti.com
SCES843A – JANUARY 2013 – REVISED FEBRUARY 2013
Electrical Characteristics
(1) (2)
TA = −55°C to 125°C, over recommended input voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
UNIT
IOH = –100 μA,
VI = VIH
1.65 V to 4.5 V
1.65 V to 4.5 V
VCCO – 0.1
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
VOH
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.9
V
IOH = –24 mA,
VI = VIH
3 V
3 V
2.35
IOH = –32 mA,
VI = VIH
4.5 V
4.5 V
3.75
IOL = 100 μA,
VI = VIL
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
IOL = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA,
VI = VIL
2.3 V
2.3 V
0.3
V
IOL = 24 mA,
VI = VIL
3 V
3 V
0.65
IOL = 32 mA,
VI = VIL
4.5 V
4.5 V
0.65
Control
II
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±2
μA
inputs
0 V
0 to 5.5 V
±10
A or B
Ioff
VI or VO = 0 to 5.5 V
μA
port
0 to 5.5 V
0 V
±10
A or B
VO = VCCO or GND,
IOZ
1.65 V to 5.5 V
1.65 V to 5.5 V
±10
μA
port
OE = VIH
1.65 V to 5.5 V
1.65 V to 5.5 V
20
VI = VCCI or GND,
ICCA
5 V
0 V
20
μA
IO = 0
0 V
5 V
–2.5
1.65 V to 5.5 V
1.65 V to 5.5 V
20
VI = VCCI or GND,
ICCB
5 V
0 V
–2.5
μA
IO = 0
0 V
5 V
20
VI = VCCI or GND,
ICCA + ICCB
1.65 V to 5.5 V
1.65 V to 5.5 V
30
μA
IO = 0
One A port at VCCA – 0.6 V,
A port
50
DIR at VCCA, B port = open
ΔICCA
3 V to 5.5 V
3 V to 5.5 V
μA
DIR at VCCA – 0.6 V,
DIR
B port = open,
50
A port at VCCA or GND
One B port at VCCB – 0.6 V,
ΔICCB
B port
3 V to 5.5 V
3 V to 5.5 V
50
μA
DIR at GND, A port = open
Control
Ci
VI = VCCA or GND
3.3 V
3.3 V
4
pF
inputs
A or B
Cio
VO = VCCA/B or GND
3.3 V
3.3 V
8.5
pF
port
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC16T245-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com