Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83932B Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 43Page - National Semiconductor (TI) DP83932B Datasheet HTML 44Page - National Semiconductor (TI) DP83932B Datasheet HTML 45Page - National Semiconductor (TI) DP83932B Datasheet HTML 46Page - National Semiconductor (TI) DP83932B Datasheet HTML 47Page - National Semiconductor (TI) DP83932B Datasheet HTML 48Page - National Semiconductor (TI) DP83932B Datasheet HTML 49Page - National Semiconductor (TI) DP83932B Datasheet HTML 50Page - National Semiconductor (TI) DP83932B Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
50 Bus Interface (Continued)
TABLE 5-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
NETWORK INTERFACE PINS
(Continued)
LBK
TP
O
This pin will be TRI-STATE until the DCR has been written to (See Section 432
EXUSR2
TRI
O Z
EXBUS for more information)
Loopback (LBK)
When ENDEC loopback is programmed this pin is asserted high
Although this signal is used internally by the SONIC-16 it is also provided as an output to
the user
Extended User Output (EXUSR2)
When EXBUS has been set (see Section 432) this
pin becomes a programmable output It will remain TRI-STATE until the SONIC-16
becomes a bus master at which time it will be driven according to the value
programmed in the DCR2 (Section 437)
PCOMP
TRI
O Z
Packet Compression
This pin is used with the Management Bus of the DP83950
Repeater Interface Controller (RIC) The SONIC-16 can be programmed to assert
PCOMP whenever there is a CAM match or when there is not a match The RIC uses
this signal to compress (shorten) a received packet for management purposes and to
reduce memory usage (See the DP83950 datasheet for more details on the RIC
Management Bus) The operation of this pin is controlled by bits 1 and 2 in the DCR2
register PCOMP will remain TRI-STATE until these bits are written to
SEL
I
Mode Select
(EXT e 0) This pin is used to determine the voltage relationship between
TXa and TXb during idle at the primary of the isolation transformer on the network
interface When tied to VCC TXa and TXb are at equal voltages during idle When tied
to ground the voltage at TXa is positive with respect to TXb during idle on the primary
side of the isolation transformer (
Figure 6-2 )
PREJ
I O
Packet Reject
This signal is used to reject received packets When asserted low for at
least two receive clocks (RXC) the SONIC-16 will reject the incoming packet This pin
can be asserted up to the 2nd to the last bit of reception to reject a packet
X1
TP
I
Crystal or External Oscillator Input
This signal is used to provide clocking signals for
the internal ENDEC A crystal can be connected to this pin along with X2 or an
oscillator module may be used Typically the output of an oscillator module is connected
to this pin See Section 613 for more information about using oscillators or crystals
X2
I O
Crystal Feedback Output
This signal is used to provide clocking signals for the
internal ENDEC A crystal may be connected to this pin along with X1 or an oscillator
module may be used See Section 613 for more information about using oscillator
modules or crystals
BUS INTERFACE PINS
BMODE
I
Bus Mode
This input enables the SONIC-16 to be compatible with standard
microprocessor buses The level of this pin affects byte ordering (little or big endian) and
controls the operation of the bus interface control signals A high level (tied to VCC)
selects Motorola mode (big endian) and a low level (tied to ground) selects National
Intel mode (little endian) Note the alternate pin definitions for AS ADS MRW MWR
INT INT BR HOLD BG HLDA SRW SWR DSACK0 RDYi and DSACK1 RDYo
When BMODE e 1 the first pin definition is used and when BMODE e 0 the second pin
definition is used See Sections 541 544 and 545
D31 – D0
TRI
I O Z
Data Bus
These bidirectional lines are used to transfer data on the system bus When
the SONIC-16 is a bus master 16-bit data is transferred on D15 – D0 and 32-bit data is
transferred on D31 – D0 When the SONIC-16 is accessed as a slave register data is
driven onto lines D15 – D0
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com