Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV611 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV611
Description  CLOSED CIRCUIT TV DIGITAL VIDEO CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV611 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV611 Datasheet HTML 17Page - Analog Devices ADV611 Datasheet HTML 18Page - Analog Devices ADV611 Datasheet HTML 19Page - Analog Devices ADV611 Datasheet HTML 20Page - Analog Devices ADV611 Datasheet HTML 21Page - Analog Devices ADV611 Datasheet HTML 22Page - Analog Devices ADV611 Datasheet HTML 23Page - Analog Devices ADV611 Datasheet HTML 24Page - Analog Devices ADV611 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
ADV611/ADV612
–21–
REV. 0
Video Interface
The ADV611/ADV612 video interface supports two types of
component digital video (D1) interfaces in both compression
(input) and decompression (output) modes. These digital video
interfaces include support for the Multiplexed Philips 4:2:2 and
CCIR-656/SMPTE125M—international standard.
Video interface master and slave modes allow for the generation or
receiving of synchronization and blanking signals. Definitions for
the different formats can be found later in this section. For recom-
mended connections to popular video decoders and encoders, see
the Connecting the ADV611/ADV612 to Popular Video Decoders
and Encoders section. A complete list of supported video interfaces
and sampling rates is included in Table VI.
Table VI. Component Digital Video Interfaces
Nominal
Bits/
Color
Date
Name
Component
Space
Sampling
Rate (MHz) I/F Width
CCIR-656
8
YCrCb
4:2:2
27
8
Multiplex
Philips
8
YUV
4:2:2
27
8
Internally, the video interface translates all video formats to one
consistent format to be passed to the wavelet kernel. This con-
sistent internal video standard is 4:2:2 at 16 bits accuracy.
VITC and Closed Captioning Support
The video interface also supports the direct loss-less extraction
of 90-bit VITC codes during encode and the insertion of VITC
codes during decode. Closed Captioning data (found on active
Video Line 21) is handled just as normal active video on an
active scan line. As a result, no special dedicated support is
necessary for Closed Captioning. The data rates for Closed
Captioning data are low enough to ensure robust operation of
this mechanism at compression ratios of 50:1 and higher. Note
that you must include Video Line 21 in the ADV611/ADV612’s
defined active video area for Closed Caption support.
27 MHz Nominal Sampling
There is one clock input (VCLK) to support all internal process-
ing elements. This is a 50% duty cycle signal and must be syn-
chronous to the video data. Internally this clock is doubled using
a phase locked loop to provide for a 54 MHz internal processing
clock. The clock interface is a two pin interface that allows a
crystal oscillator to be tied across the pins or a clock oscillator to
drive one pin. The nominal clock rate for the video interface is
27 MHz. Note that the ADV611/ADV612 also supports a pixel
rate of 13.5 MHz.
Video Interface and Modes
In all, there are seven programmable features that configure the
video interface. These are:
• Encode-Decode Control
In addition to determining what functions the internal pro-
cessing elements must perform, this control determines the
direction of the video interface. In decode mode, the video
interface outputs data. In encode mode, the interface receives
data. The state of the control is reflected on the ENC pin.
This pin can be used as an enable input by external line driv-
ers. This control is maintained by the host processor.
• Master-Slave Control
This control determines whether the ADV611/ADV612 gen-
erates or receives the VSYNC, HSYNC, and FIELD signals.
In master mode, the ADV611/ADV612 generates these sig-
nals for external hardware synchronization. In slave mode, the
ADV611/ADV612 receives these signals. Note that some video
formats require the ADV611/ADV612 to operate in slave mode
only. This control is maintained by the host processor.
• 525-625 (NTSC-PAL) Control
This control determines whether the ADV611/ADV612 is
operating on 525/NTSC video or 625/PAL video. This infor-
mation is used when the ADV611/ADV612 is in master and
decode modes so that the ADV611/ADV612 knows where
and when to generate the HSYNC, VSYNC, and FIELD
Pulses as well as when to insert the SAV and EAV time codes
(for CCIR-656 only) in the data stream. This control is main-
tained by the host processor. Table VII shows how the 525-
625 Control in the Mode Control register works.
Table VII. Square Pixel Control, 525-625 Control, and
Video Formats
Max
Max
525-625
Horizontal
Field
Control
Size
Size
NTSC-PAL
0
720
243
CCIR-601 NTSC
1
720
288
CCIR-601 PAL
• Bipolar/Unipolar Color Component
This mode determines whether offsets are used on color com-
ponents. In Philips mode, this control is usually set to Bipo-
lar, since the color components are normal twos-compliment
signed values. In CCIR-656 mode, this control is set to Uni-
polar, since the color components are offset by 128. Note that
it is likely the ADV611/ADV612 will function if this control is
in the wrong state, but compression performance will be
degraded. It is important to set this bit correctly.
• Active Area Control
Four registers HSTART (horizontal start), HEND (horizon-
tal end), VSTART (vertical start) and VEND (vertical end)
determine the active video area. The maximum active video
area is 720 by 288 pixels for a single field.
• Video Format
This control determines the video format that is supported. In
general, the goal of the various video formats is to support
glueless interfaces to the wide variety of video formats periph-
eral components expect. This control is maintained by the
host processor. Table VIII shows a synopsis of the supported
video formats. Definitions of each format can be found later
in this section. For Video Interface pins descriptions, see the
Pin Function Descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com