Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4025LSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP4025LSD
Description  DMP4025LSS-13
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4025LSD Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP4025LSD Datasheet HTML 1Page - Diodes Incorporated DMP4025LSD Datasheet HTML 2Page - Diodes Incorporated DMP4025LSD Datasheet HTML 3Page - Diodes Incorporated DMP4025LSD Datasheet HTML 4Page - Diodes Incorporated DMP4025LSD Datasheet HTML 5Page - Diodes Incorporated DMP4025LSD Datasheet HTML 6Page - Diodes Incorporated DMP4025LSD Datasheet HTML 7Page - Diodes Incorporated DMP4025LSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMP4025LSD
Document Number: DS35937 Rev: 2 - 2
6 of 8
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4025LSD
0
5
10
15
20
25
30
Fig. 9 Typical Total Capacitance
-V , DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
10,000
Ciss
Crss
Coss
0
5
10
15
20
25
30
35
40
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
-V , DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
10,000
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
5
10
15
20
25
30
35
40
Fig. 11 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= -20V
I = -12A
DS
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com