Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4047SSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP4047SSD
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4047SSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP4047SSD Datasheet HTML 1Page - Diodes Incorporated DMP4047SSD Datasheet HTML 2Page - Diodes Incorporated DMP4047SSD Datasheet HTML 3Page - Diodes Incorporated DMP4047SSD Datasheet HTML 4Page - Diodes Incorporated DMP4047SSD Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMP4047SSD
Document Number DS36353 Rev. 3 - 2
1 of 5
www.diodes.com
September 2013
© Diodes Incorporated
DMP4047SSD
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = +25°C
-40V
45mΩ @ VGS = -10V
-6.5A
55mΩ @ VGS = -4.5V
-5.9A
Description
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Backlighting
DC-DC Converters
Power Management Functions
Features
100% Unclamped Inductive Switch (UIS) test in production
Low on-resistance
Fast switching speed
Totally Lead-Free & Fully RoHS compliant (Note 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish – Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (approximate)
Ordering Information (Note 4 & 5)
Part Number
Compliance
Case
Packaging
DMP4047SSD-13
Standard
SO-8
2,500/Tape & Reel
DMP4047SSDQ-13
Automotive
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_grade_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Top View
Pin-Out
Equivalent Circuit
= Manufacturer’s Marking
P4047SD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01 - 53)
SO-8
.
1
4
8
5
P4047SD
YY WW
D1
S1
G1
S2
G2
D1
D2
D2
D1
S1
G1
D2
S2
G2
e3


Similar Part No. - DMP4047SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4047SSD-13 DIODES-DMP4047SSD-13 Datasheet
280Kb / 5P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
VBsemi Electronics Co.,...
DMP4047SSD-13-F VBSEMI-DMP4047SSD-13-F Datasheet
944Kb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Diodes Incorporated
DMP4047SSDQ-13 DIODES-DMP4047SSDQ-13 Datasheet
280Kb / 5P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP4047SSD DIODES-DMP4047SSD_15 Datasheet
280Kb / 5P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMP4047SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4050SSD DIODES-DMP4050SSD Datasheet
707Kb / 8P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS32107 Rev 2 - 2
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4025LSD DIODES-DMP4025LSD_15 Datasheet
292Kb / 8P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP4047SSD DIODES-DMP4047SSD_15 Datasheet
280Kb / 5P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP4050SSD DIODES-DMP4050SSD_15 Datasheet
172Kb / 8P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP4026LSD DIODES-DMP4026LSD Datasheet
567Kb / 7P
40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com