Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIC246D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIC246D
Description  isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIC246D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIC246D Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Triacs
TIC246D
FEATURES
·
With TO-220 package
·
Sensitive Gate Triacs
·
Glass Passivated
·
Max IGT of 50 mA (Quadrants 1~3)
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak reverse voltage
400
V
IT(RMS)
RMS on-state current (full sine wave)TC=70℃
16
A
ITSM
Non-repetitive peak on-state current
125
A
Tj
Operating junction temperature
110
℃
Tstg
Storage temperature
-45~125
℃
Rth(j-c)
Thermal resistance, junction to case
1.9
℃
/W
Rth(j-a)
Thermal resistance, junction to ambient
62.5
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX
UNIT
IDRM
Repetitive peak off-state current
VD=VDRM, TC=110℃
2.0
mA
IGT
Gate trigger current
Ⅰ
Vsupply = 12 V†; RL= 10Ω; tp(g) >20μs
12
50
mA
Ⅱ
19
50
Ⅲ
16
50
Ⅳ
34
IH
Holding current
Vsupply = 12 V†,IG= 0 initial ITM=100mA
40
mA
VGT
Gate trigger voltageall quadrant Vsupply = 12 V†; RL= 10Ω; tp(g) >20μs
2
V
VTM
On-state voltage
IT= 22.5A; IG= 50mA
1.7
V


Similar Part No. - TIC246D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC246D POINN-TIC246D Datasheet
105Kb / 5P
SILICON TRIACS
logo
Comset Semiconductor
TIC246D COMSET-TIC246D Datasheet
164Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Bourns Electronic Solut...
TIC246D BOURNS-TIC246D Datasheet
141Kb / 3P
SILICON TRIACS
More results

Similar Description - TIC246D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com