Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM113QML Datasheet(PDF) 2 Page - Texas Instruments

Part # LM113QML
Description  Reference Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM113QML Datasheet(HTML) 2 Page - Texas Instruments

  LM113QML Datasheet HTML 1Page - Texas Instruments LM113QML Datasheet HTML 2Page - Texas Instruments LM113QML Datasheet HTML 3Page - Texas Instruments LM113QML Datasheet HTML 4Page - Texas Instruments LM113QML Datasheet HTML 5Page - Texas Instruments LM113QML Datasheet HTML 6Page - Texas Instruments LM113QML Datasheet HTML 7Page - Texas Instruments LM113QML Datasheet HTML 8Page - Texas Instruments LM113QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM113QML, LM113QML-SP
SNVS367A – DECEMBER 2010 – REVISED APRIL 2013
www.ti.com
Schematic Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Power Dissipation(2)
100 mW
Reverse Current
50 mA
Forward Current
50 mA
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering, 10 seconds)
300°C
Maximum Junction Temperature (TJmax)
+150°C
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Thermal Resistance
θJA
TO (Still Air)
440°C/W
TO (500LF / Min Air Flow)
TBD
CFP (Still Air)
218°C/W
CFP (500LF / Min Air Flow)
140°C/W
θJC
TO
80°C/W
CFP
27°C/W
Package Weight
TO
275mg
CFP
220mg
ESD Tolerance(3)
4000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. Theensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
Human body model, 1.5K
Ω in series with 100pF.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM113QML LM113QML-SP
LM113QML is Obsolete



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com