Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLM311P Datasheet(PDF) 2 Page - Texas Instruments

Part # MLM311P
Description  Voltage Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLM311P Datasheet(HTML) 2 Page - Texas Instruments

  MLM311P Datasheet HTML 1Page - Texas Instruments MLM311P Datasheet HTML 2Page - Texas Instruments MLM311P Datasheet HTML 3Page - Texas Instruments MLM311P Datasheet HTML 4Page - Texas Instruments MLM311P Datasheet HTML 5Page - Texas Instruments MLM311P Datasheet HTML 6Page - Texas Instruments MLM311P Datasheet HTML 7Page - Texas Instruments MLM311P Datasheet HTML 8Page - Texas Instruments MLM311P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM111-N, LM211-N, LM311-N
SNOSBJ1E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Increases typical common mode slew from 7.0V/
μs to 18V/μs.
Figure 3. Increasing Input Stage Current
Figure 4. Detector for Magnetic Transducer
*Absorbs inductive kickback of relay and protects IC from severe
voltage transients on V++ line.
Do Not Ground Strobe Pin.
Figure 5. Digital Transmission Isolator
Figure 6. Relay Driver with Strobe
*Solid tantalum
Do Not Ground Strobe Pin.
Typical input current is 50 pA with inputs strobed off.
Pin connections shown in Schematic Diagram and Typical
Applications are for the LMC TO-99 package.
Figure 7. Strobing off Both Input and Output
Figure 8. Positive Peak Detector
Stages
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM111-N LM211-N LM311-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com