Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLLS093D Datasheet(PDF) 2 Page - Texas Instruments

Part # SLLS093D
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLLS093D Datasheet(HTML) 2 Page - Texas Instruments

  SLLS093D Datasheet HTML 1Page - Texas Instruments SLLS093D Datasheet HTML 2Page - Texas Instruments SLLS093D Datasheet HTML 3Page - Texas Instruments SLLS093D Datasheet HTML 4Page - Texas Instruments SLLS093D Datasheet HTML 5Page - Texas Instruments SLLS093D Datasheet HTML 6Page - Texas Instruments SLLS093D Datasheet HTML 7Page - Texas Instruments SLLS093D Datasheet HTML 8Page - Texas Instruments SLLS093D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS8830, SN55183, SN75183
DUAL DIFFERENTIAL LINE DRIVERS
SLLS093D – OCTOBER 1972 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, J, N, and W packages.
&
1Z
6
2Z
8
1
1A
2
1B
3
1C
4
1D
1Y
5
10
2A
11
2B
12
2C
13
2D
2Y
9
logic diagram (positive logic)
1Y
5
Pin numbers shown are for the D, J, N, and W packages.
1
2
3
4
6
1Z
1A
1B
1C
1D
2Y
9
10
11
12
13
8
2Z
2A
2B
2C
2D
Positive logic: y = ABCD, Z = ABCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com