Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8392C Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8392C
Description  CTI Coaxial Transceiver Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8392C Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP8392C Datasheet HTML 4Page - National Semiconductor (TI) DP8392C Datasheet HTML 5Page - National Semiconductor (TI) DP8392C Datasheet HTML 6Page - National Semiconductor (TI) DP8392C Datasheet HTML 7Page - National Semiconductor (TI) DP8392C Datasheet HTML 8Page - National Semiconductor (TI) DP8392C Datasheet HTML 9Page - National Semiconductor (TI) DP8392C Datasheet HTML 10Page - National Semiconductor (TI) DP8392C Datasheet HTML 11Page - National Semiconductor (TI) DP8392C Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
100 DP8392C Switching Characteristics VEE eb9V g5% TA e 0 to 70 C (Note 3)
Symbol
Parameter
Fig
Min
Typ
Max
Units
tRON
Receiver startup delay (RXI to RXg)
8
14
4
bits
tRd
Receiver propagation delay (RXI to RXg)
814
15
50
ns
tRr
Differential outputs rise time (RXg CDg)
814
4
ns
tRf
Differential outputs fall time (RXg CDg)
814
4
ns
tRJ
Receiver
cable total jitter
13
g
2ns
tTST
Transmitter startup delay (TXg to TXO)
9
14
1
bits
tTd
Transmitter propagation delay (TXg to TXO)
9
14
25
50
ns
tTr
Transmitter rise time
10% to 90% (TXO)
9
14
25
ns
tTf
Transmitter fall time
90% to 10% (TXO)
9
14
25
ns
tTM
tTr and tTf mismatch
05
ns
tTS
Transmitter skew (TXO)
g
05
ns
tTON
Transmit turn-on pulse width at VTS (TXg)
914
20
ns
tTOFF
Transmit turn-off pulse width at VTS (TXg)
9
14
250
ns
tCON
Collision turn-on delay
10
14
7
bits
tCOFF
Collision turn-off delay
10
14
20
bits
fCD
Collision frequency (CDg)
10
14
80
125
MHz
tCP
Collision pulse width (CDg)
1014
35
70
ns
tHON
CD Heartbeat delay (TXg to CDg)
11
14
06
16
m
s
tHW
CD Heartbeat duration (CDg)
11
14
05
10
15
m
s
tJA
Jabber activation delay (TXg to TXO and CDg)
1214
20
29
60
ms
tJR
Jabber reset unjab time (TXg to TXO and CDg)
12
14
250
500
750
ms
DP8392C-1 Switching Characteristics VEE eb9V g5% TA e 0 to 70 C (Note 3)
Symbol
Parameter
Fig
Min
Typ
Max
Units
tRON
Receiver startup delay (RXI to RXg)
8
14
4
5
bits
tRd
Receiver propagation delay (RXI to RXg)
814
15
50
ns
tRr
Differential outputs rise time (RXg CDg)
814
4
7
ns
tRf
Differential outputs fall time (RXg CDg)
814
4
7
ns
tRJ
Receiver
cable total jitter
13
g
2ns
tTST
Transmitter startup delay (TXg to TXO)
9
14
1
2
bits
tTd
Transmitter propagation delay (TXg to TXO)
9
14
5
25
50
ns
tTr
Transmitter rise time
10% to 90% (TXO)
9
14
20
25
30
ns
tTf
Transmitter fall time
90% to 10% (TXO)
9
14
20
25
30
ns
tTM
tTr and tTf mismatch
05
ns
tTS
Transmitter skew (TXO)
g
05
ns
tTON
Transmit turn-on pulse width at VTS (TXg)
9
14
5
20
40
ns
tTOFF
Transmit turn-off pulse width at VTS (TXg)
9
14
110
270
ns
tCON
Collision turn-on delay
10
14
7
13
bits
tCOFF
Collision turn-off delay
10
14
20
bits
fCD
Collision frequency (CDg)
10
14
85
125
MHz
tCP
Collision pulse width (CDg)
1014
35
70
ns
tHON
CD Heartbeat delay (TXg to CDg)
11
14
06
16
m
s
tHW
CD Heartbeat duration (CDg)
11
14
05
10
15
m
s
tJA
Jabber activation delay (TXg to TXO and CDg)
1214
20
29
60
ms
tJR
Jabber reset unjab time (TXg to TXO and CDg)
12
14
250
500
750
ms
Note 1
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits
Note 2
All currents into device pins are positive all currents out of device pins are negative All voltages referenced to ground unless otherwise specified
Note 3
All typicals are given for VEE eb9V and TA e 25 C
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com