Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2522BQ Datasheet(PDF) 13 Page - ams AG

Part # AS2522BQ
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522BQ Datasheet(HTML) 13 Page - ams AG

Back Button AS2522BQ Datasheet HTML 9Page - ams AG AS2522BQ Datasheet HTML 10Page - ams AG AS2522BQ Datasheet HTML 11Page - ams AG AS2522BQ Datasheet HTML 12Page - ams AG AS2522BQ Datasheet HTML 13Page - ams AG AS2522BQ Datasheet HTML 14Page - ams AG AS2522BQ Datasheet HTML 15Page - ams AG AS2522BQ Datasheet HTML 16Page - ams AG AS2522BQ Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 13 of 19
Receive characteristics
ILine=15mA f=800Hz, default settings unless other specified
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
ARO
Receive Gain
LS
→ RO
ZAC(syn)=1000Ω
Vol default
-2
-0.5
1
dB
Y
ALO12
Receive Gain
LS
→ LO1/LO2
ZAC(syn)=1000Ω
Vol maximum
+28
+29.0
+31
dB
Y
∆ARX
Variation with frequency
f=500Hz to 3.4kHz
±0.8
dB
N
AVRRO
Control range
LS
→ RO
16 steps
-7/+8
dBr
N
AVRLS
Control range
LS
→ LS1/LS2
16 steps
-7/+8
dBr
N
THDLS
Distortion LS1/LS2
VLS=0.25VRMS
5%
Y
THDRO
Distortion RO
VLS =0.25VRMS
2%
Y
VUFC
Unwanted Freq. Cmp.
f = 200 … 20kHz
-60
dBm
Y
VAGCRO Soft Clip Level
RO
1VP
N
VAGCLS
Soft Clip Level
LS1/2
2VP
N
ASCLS
Soft Clip Overdrive
LS1/2
10
dB
N
tattack
Attack time
70
us/6dB
N
tdecay
Decay time
100
ms/6dB
N
VNO
Noise Output Voltage
RO
TAMP=25°C
Gain = 3dB
-72
dBmp
Y
ZIN-RI
VINmax
Input Imp. RI
Input Voltage Range RI
8
±2
k
Ω
Vp
N
ZIN-STB
VINmax
Input Imp. STB
Input Volt. Range STB
80
±2
k
Ω
Vp
N
ST
Side tone
VRI<=0.25VRMS
26
dB
Y
RL
∆ZAC/°C
Return Loss
Temp. Variation
ZAC(syn)=1000Ω
18
0.5
dB
Ω/°C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com