Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43USB326
Description  Missed Watchdog Timer Reset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43USB326 Datasheet HTML 1Page - ATMEL Corporation AT43USB326 Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Errata (All Date Codes): Missed Watchdog Timer Reset
Problem
There is a synchronization problem between the watchdog clock and the AVR® clock.
Even though the clock inputs to both the watchdog timer and the AVR core are gener-
ated through the same crystal, the two clock sources are not going through the same
PLL. The AVR is clocked at 12 MHz and the watchdog timer is clocked at 1MHz. The
WDR (Watchdog Reset) instruction is a one-clock-cycle instruction. As such, when a
watchdog timer reset occurs due to a WDR, the watchdog timer may miss the reset.
This happens frequently if the AVR is clocked much faster than the watchdog timer.
Fix/Workaround
A workaround is to invoke the WDR repetitively to ensure that the watchdog timer will
be able to receive the reset signal.
If the AVR runs at 12 MHz, the WDR command
must be invoked fourteen times back to back.
The following is the sample code for resetting and arming the watchdog timer, assum-
ing the AVR is running at 12 MHz:
asm ( "ldi r16,15\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n
WDR\n WDR\n WDR\n WDR\n out 0x21,r16 " );
To disarm and disable the watchdog, do the following:
asm ( "ldi r16,0x18\nldi r17,0x10\n\n out 0x21,r16\n out 0x21,r17 " );
Please note that if the AVR runs at 24 MHz, the WDR should be invoked twenty-six
times.
USB
Microcontrollers
AT43USB320A
AT43USB325
AT43USB326
AT43USB351M
AT43USB353M
AT43USB355
Errata Sheet
3469A–USB–4/04


Similar Part No. - AT43USB326

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB326 ATMEL-AT43USB326 Datasheet
1Mb / 102P
Multimedia USB Keyboard Controller with Embedded Hub
AT43USB326-AC ATMEL-AT43USB326-AC Datasheet
1Mb / 102P
Multimedia USB Keyboard Controller with Embedded Hub
AT43USB326-AU ATMEL-AT43USB326-AU Datasheet
1Mb / 102P
Multimedia USB Keyboard Controller with Embedded Hub
AT43USB326 ATMEL-AT43USB326_06 Datasheet
1Mb / 102P
Multimedia USB Keyboard Controller with Embedded Hub
More results

Similar Description - AT43USB326

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
Voltage Regulator with Watchdog Timer Reset
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
3V supply SYSTEM RESET with watchdog timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
Micropower uP Reset with Watchdog Timer
3510.2006.03.1.7
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
Hardware Watchdog Timer with Reset-out
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
Hardware Watchdog Timer with Reset-out
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
SYSTEM RESET IC WITH WATCHDOG TIMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com