Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3701 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC3701
Description  60V, Depletion-Mode, N-Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3701 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC3701 Datasheet HTML 1Page - IXYS Corporation CPC3701 Datasheet HTML 2Page - IXYS Corporation CPC3701 Datasheet HTML 3Page - IXYS Corporation CPC3701 Datasheet HTML 4Page - IXYS Corporation CPC3701 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
CPC3701
www.ixysic.com
3
R06
PERFORMANCE DATA* @ 25ºC (Unless Otherwise Noted)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
-2.40
-2.35
-2.30
-2.25
-2.20
-2.15
-2.10
-2.05
Threshold Voltage vs. Temperature
(I
DS=1 A)
Voltage (V)
0.01
0.1
1
10
100
0.01
0.1
1
Forward Safe Operating Bias
(V
GS=0V)
V
DS (V)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Output Characteristics
V
GS=0V
V
GS=-1V
V
GS=-0.5V
V
GS=-1.5V
V
GS=-2V
V
GS=-2.5V
V
GS=-3V
Temperature (ºC)
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Power Dissipation vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
72
74
76
78
80
82
Breakdown Voltage (V
DS) vs. Temperature
(V
GS=-5V, IDS=10 A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
Leakage Current (I
DS) vs. Temperature
(V
GS=-5V, VDS=60V)
V
DS (V)
0
10
2030
4050
0
100
200
300
400
500
Capacitance vs. Drain-Source Voltage
(V
GS=-5V)
CISS
COSS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com