Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3703 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC3703
Description  Depletion-Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3703 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC3703 Datasheet HTML 1Page - IXYS Corporation CPC3703 Datasheet HTML 2Page - IXYS Corporation CPC3703 Datasheet HTML 3Page - IXYS Corporation CPC3703 Datasheet HTML 4Page - IXYS Corporation CPC3703 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
CPC3703
www.ixysic.com
3
R07
PERFORMANCE DATA (@25ºC Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Output Characteristics
V
DS (V)
012345
1000
900
800
700
600
500
400
300
200
100
0
6
V
GS=-1.0
V
GS=-2.5
V
GS=-2.0
V
GS=-1.5
Instantaneous Transfer Characteristics
(V
DS=5V, TA=TJ)
V
GS (V)
-3.5
-3.0
-2.5
-2.0
-1.5
350
300
250
200
150
100
50
0
+125ºC
-55ºC
+25ºC
R
DS(on) Vs. Temperature
(V
GS=0V, ID=200mA)
-50
0
50
100
150
8
7
6
5
4
3
2
1
Temperature (ºC)
V
GS(off) Vs. Temperature
(V
DS=10V, ID=1mA)
-50
0
50
100
150
-2.0
-2.5
-3.0
-3.5
-4.0
Temperature (ºC)
V
DS (V)
0.1
1
10
100
1000
0.001
0.01
0.1
1
Maximum Rated Safe Operating Area
Transconductance vs. Drain Current
(V
DS=10V, TA=TJ)
I
D (mA)
01020
30
40
300
250
200
150
100
50
0
50
60
70
80
100
90
-55ºC
+125ºC
+25ºC
Temperature (ºC)
0
20
40
60
80
100
120
140
Power Dissipation
vs. Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Capacitance vs. Drain-Source Voltage
(V
GS=-5V)
V
DS (V)
010203040
600
525
450
375
300
225
150
75
0
C
RSS
C
OSS
C
ISS
On-Resistance vs. Drain Current
(V
GS=0V)
I
D (A)
0
0.1 0.2 0.3 0.4
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5 0.6 0.7 0.8 0.9 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com