Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3710 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC3710
Description  Depletion-Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3710 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC3710 Datasheet HTML 1Page - IXYS Corporation CPC3710 Datasheet HTML 2Page - IXYS Corporation CPC3710 Datasheet HTML 3Page - IXYS Corporation CPC3710 Datasheet HTML 4Page - IXYS Corporation CPC3710 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC3710-R02
1
CPC3710
250V N-Channel
Depletion-Mode FET
V
(BR)DSX /
V
(BR)DGX
R
DS(on)
(max)
I
DSS (min)
Package
250V
P
10
220mA
SOT-89
Applications
Features
Description
Ordering Information
Package Pinout
• Ignition Modules
• Normally-On Switches
• Solid State Relays
• Converters
• Telecommunications
• Power Supply
• Low R
DS(on) at Cold Temperatures
• Low On-Resistance: 10
 max. at 25ºC
• High Input Impedance
• High Breakdown Voltage: 250V
P
• Low V
GS(off) Voltage: -1.6 to -3.9V
• Small Package Size SOT-89
The CPC3710 is an N-channel, depletion-mode, field
effect transistor (FET) that utilizes IXYS Integrated
Circuits Division’s proprietary third-generation vertical
DMOS process. The third-generation process realizes
world class, high voltage MOSFET performance
in an economical silicon gate process. Our vertical
DMOS process yields a robust device, with high input
impedance, for use in high-power applications. The
CPC3710 is a highly reliable FET device that has
been used extensively in our solid state relays for
industrial and telecommunications applications.
This device excels in power applications requiring
low drain-source resistance, particularly in cold
environments such as automotive ignition modules.
The CPC3710 offers a low, 10
 maximum, on-state
resistance at 25ºC.
The CPC3710 has a minimum breakdown voltage
of 250V
P , and is available in an SOT-89 package.
As with all MOS devices, the FET structure prevents
thermal runaway and thermal-induced secondary
breakdown.
Circuit Symbol
S
G
D
Part #
Description
CPC3710CTR
N-Channel Depletion Mode FET, SOT-89 Pkg.
Tape and Reel (1000/Reel)
(SOT-89)
G
D
S
D


Similar Part No. - CPC3710

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3710C CLARE-CPC3710C Datasheet
418Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
CPC3710C CLARE-CPC3710C Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3710CTR CLARE-CPC3710CTR Datasheet
418Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
CPC3710CTR CLARE-CPC3710CTR Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
More results

Similar Description - CPC3710

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
logo
IXYS Corporation
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
Depletion-Mode FET
CPC3708 IXYS-CPC3708 Datasheet
131Kb / 6P
Depletion Mode FET
CPC3714 IXYS-CPC3714 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3720 IXYS-CPC3720 Datasheet
125Kb / 5P
Depletion-Mode FET
CPC3730 IXYS-CPC3730 Datasheet
124Kb / 5P
Depletion-Mode FET
CPC3902 IXYS-CPC3902 Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3909 IXYS-CPC3909 Datasheet
146Kb / 7P
Depletion-Mode FET
CPC3960 IXYS-CPC3960 Datasheet
121Kb / 5P
Depletion-Mode FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com