Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3960 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC3960
Description  Depletion-Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3960 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC3960 Datasheet HTML 1Page - IXYS Corporation CPC3960 Datasheet HTML 2Page - IXYS Corporation CPC3960 Datasheet HTML 3Page - IXYS Corporation CPC3960 Datasheet HTML 4Page - IXYS Corporation CPC3960 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC3960-R02
1
CPC3960
600V N-Channel
Depletion-Mode FET
Part #
Description
CPC3960ZTR
SOT-223: Tape and Reel (1000/Reel)
BV
DSX/
BV
DGX
R
DS(on)
(max)
I
DSS (min)
Package
600V
44
100mA
SOT-223
Applications
Features
Description
Ordering Information
Circuit Symbol
• Current Regulator
• Normally-On Switches
• Solid State Relays
• Converters
• Telecommunications
• Power Supply
• High Breakdown Voltage: 600V
• On-Resistance: 44
 max. at 25ºC
• Low V
GS(off) Voltage: -1.4 to -3.1V
• High Input Impedance
• Small Package Size: SOT-223
The CPC3960 is a 600V, N-channel, depletion-mode,
Field Effect Transistor (FET) created using IXYS
Integrated Circuits Division’s proprietary vertical DMOS
process. Yielding a robust device with high input
impedance, this process enables world class, high
voltage MOSFET performance with an economical
silicon gate architecture.
As with all MOS devices, the FET structure prevents
thermal runaway and thermal-induced secondary
breakdown, which makes the CPC3960 ideal for use
in high-power applications.
The CPC3960 is a highly reliable FET device that
has been used extensively in IXYS Integrated Circuits
Division’s Solid State Relays for industrial and
telecommunications applications.
The CPC3960 is available in the SOT-223 package.
D
S
G
Package Pinout
D
G
D
S
4
1
23


Similar Part No. - CPC3960

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC3902 IXYS-CPC3902 Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3902C IXYS-CPC3902C Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3902CTR IXYS-CPC3902CTR Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3902Z IXYS-CPC3902Z Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3902ZTR IXYS-CPC3902ZTR Datasheet
137Kb / 6P
Depletion-Mode FET
More results

Similar Description - CPC3960

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
logo
IXYS Corporation
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
Depletion-Mode FET
CPC3708 IXYS-CPC3708 Datasheet
131Kb / 6P
Depletion Mode FET
CPC3710 IXYS-CPC3710 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3714 IXYS-CPC3714 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3720 IXYS-CPC3720 Datasheet
125Kb / 5P
Depletion-Mode FET
CPC3730 IXYS-CPC3730 Datasheet
124Kb / 5P
Depletion-Mode FET
CPC3902 IXYS-CPC3902 Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3909 IXYS-CPC3909 Datasheet
146Kb / 7P
Depletion-Mode FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com