Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3980Z Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC3980Z
Description  N-Channel Depletion-Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3980Z Datasheet(HTML) 2 Page - IXYS Corporation

  CPC3980Z Datasheet HTML 1Page - IXYS Corporation CPC3980Z Datasheet HTML 2Page - IXYS Corporation CPC3980Z Datasheet HTML 3Page - IXYS Corporation CPC3980Z Datasheet HTML 4Page - IXYS Corporation CPC3980Z Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
CPC3980
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC (Unless Otherwise Noted)
Parameter
Ratings
Units
Drain-to-Source Voltage
800
V
Gate-to-Source Voltage
±15
V
Pulsed Drain Current
150
mA
Total Package Dissipation 1
1.8
W
Operational Temperature
-55 to +125
ºC
Junction Temperature, Maximum
+125
ºC
Storage Temperature
-55 to +125
ºC
1 Mounted on 1"x1" 2 oz. Copper FR4 board.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Drain-to-Source Breakdown Voltage
BV
DSX
V
GS= -5.5V, ID=100µA
800
-
-
V
Gate-to-Source Off Voltage
V
GS(off)
V
DS= 15V, ID=1A
-1.4
-
-3.1
V
Change in V
GS(off) with Temperature
dV
GS(off) /dT
V
DS= 15V, ID=1A
-
-
4.5
mV/ºC
Gate Body Leakage Current
I
GSS
V
GS=±15V, VDS=0V
-
-
100
nA
Drain-to-Source Leakage Current
I
D(off)
V
GS= -5.5V, VDS=800V
-
-
1
µA
Saturated Drain-to-Source Current
I
DSS
V
GS= 0V, VDS=15V
100
-
-
mA
Static Drain-to-Source On-State Resistance
R
DS(on)
V
GS= 0V, ID=100mA, VDS=10V
--
45
Change in R
DS(on) with Temperature
dR
DS(on) /dT
-
-
2.5
%/ºC
Forward Transconductance
G
fs
I
D= 50mA, VDS = 10V
100
-
-
m
Input Capacitance
C
ISS
V
GS= -3.5V
V
DS= 25V
f= 1MHz
-
115
-pF
Common Source Output Capacitance
C
OSS
5
Reverse Transfer Capacitance
C
RSS
3
Source-Drain Diode Voltage Drop
V
SD
V
GS= -5V, ISD=150mA
-
0.72
1
V
Thermal Resistance
Junction to Ambient
JA
-
-
55
-
ºC/W
Junction to Case
JC
-
-
23
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com