Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7695 Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC7695
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7695 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC7695 Datasheet HTML 9Page - IXYS Corporation CPC7695 Datasheet HTML 10Page - IXYS Corporation CPC7695 Datasheet HTML 11Page - IXYS Corporation CPC7695 Datasheet HTML 12Page - IXYS Corporation CPC7695 Datasheet HTML 13Page - IXYS Corporation CPC7695 Datasheet HTML 14Page - IXYS Corporation CPC7695 Datasheet HTML 15Page - IXYS Corporation CPC7695 Datasheet HTML 16Page - IXYS Corporation CPC7695 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7695
R01
www.ixysic.com
13
1.8 Voltage and Power Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Voltage Requirements
VDD
-
VDD
4.5
5.0
5.5
V
VBAT
1
-
VBAT
-19
-48
-72
V
1VBAT is used only for internal protection circuitry. If VBAT rises above -10V, the device will enter the All-Off state and will remain in the All-Off state until the battery
drops below -15V
Power Specifications
Power consumption
VDD = 5V, VBAT = -48V, VIH = 2.4V,
VIL = 0.4V, Measure IDD and IBAT
Talk and All-Off States
P-
4.7
10.5
mW
All other states
5.2
10.5
mW
VDD current
VDD = 5V, VBAT = -48V, VIH = 2.4V,
VIL = 0.4V
Talk and All-Off states
IDD
-
0.9
2.0
mA
All other states
1.0
2.0
VBAT current in any state
VDD = 5V, VBAT = -48V, VIH = 2.4V,
VIL =0.4V
IBAT
-4
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com