Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC75282KATR Datasheet(PDF) 16 Page - IXYS Corporation

Part # CPC75282KATR
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC75282KATR Datasheet(HTML) 16 Page - IXYS Corporation

Back Button CPC75282KATR Datasheet HTML 11Page - IXYS Corporation CPC75282KATR Datasheet HTML 12Page - IXYS Corporation CPC75282KATR Datasheet HTML 13Page - IXYS Corporation CPC75282KATR Datasheet HTML 14Page - IXYS Corporation CPC75282KATR Datasheet HTML 15Page - IXYS Corporation CPC75282KATR Datasheet HTML 16Page - IXYS Corporation CPC75282KATR Datasheet HTML 17Page - IXYS Corporation CPC75282KATR Datasheet HTML 18Page - IXYS Corporation CPC75282KATR Datasheet HTML 19Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC75282
16
PRELIMINARY
R00E
increases. If the device temperature rises sufficiently,
the temperature shutdown mechanism will activate
and the device will enter the All-Off state.
2.10 Thermal Shutdown
The thermal shutdown mechanism activates when the
device die temperature reaches a minimum of 110°C,
placing the device in the All-Off state regardless of
logic input. During thermal shutdown events the TSDx
pin will output a logic low with a nominal 0V level. A
logic high is output from the TSDx pin during normal
operation with a typical output level equal to VDD.
If presented with a short duration transient, such as a
lightning event, the thermal shutdown feature will
typically not activate. But in an extended power-cross
event, the device temperature will rise and the thermal
shutdown mechanism will activate forcing the switches
to the All-Off state. At this point the current measured
into TLINE or RLINE will drop to zero. Once the device
enters thermal shutdown, it will remain in the All-Off
state until the temperature of the device drops below
the de-activation level of the thermal shutdown circuit.
This permits the device to autonomously return to
normal operation. If the transient has not passed,
current will again flow up to the value allowed by the
dynamic DC current limiting of the switches and
heating will resume, reactivating the thermal shutdown
mechanism. This cycle of entering and exiting the
thermal shutdown mode will continue as long as the
fault condition persists. If the magnitude of the fault
condition is great enough, the external secondary
protector will activate, shunting the fault current to
ground.
2.11 External Protection Elements
The CPC75282 requires only over-voltage secondary
protection on the loop side of the device. The
integrated protection feature described above negates
the need for additional external protection on the SLIC
side. The secondary protector must limit voltage
transients to levels that do not exceed the breakdown
voltage or input-output isolation barrier of the
CPC75282. A foldback or crowbar type protector is
recommended to minimize stresses on the
CPC75282.
Consult IXYS Integrated Circuits Division’s application
note, AN-100, “Designing Surge and Power Fault
Protection Circuits for Solid State Subscriber Line
Interfaces,” for equations related to the specifications
of external secondary protectors, fused resistors, and
PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com