Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2120 Datasheet(PDF) 13 Page - IXYS Corporation

Part # IX2120
Description  1200V High and Low Side
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2120 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button IX2120 Datasheet HTML 5Page - IXYS Corporation IX2120 Datasheet HTML 6Page - IXYS Corporation IX2120 Datasheet HTML 7Page - IXYS Corporation IX2120 Datasheet HTML 8Page - IXYS Corporation IX2120 Datasheet HTML 9Page - IXYS Corporation IX2120 Datasheet HTML 10Page - IXYS Corporation IX2120 Datasheet HTML 11Page - IXYS Corporation IX2120 Datasheet HTML 12Page - IXYS Corporation IX2120 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2120
R02
www.ixysic.com
13
3.5 Mechanical Dimensions
3.5.1 IX2120: 28-Pin SOIC Package
3.5.2 IX2120 Tape & Reel Information
For additional information please visit our website at: www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-IX2120-R02
©Copyright 2016, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
2/3/2016
17.70 to 18.10
(0.697 to 0.713)
See Note 3
7.40 to 7.60
(0.291 to 0.299)
See Note 4
10.00 to 10.65
(0.394 to 0.419)
0.31 to 0.51 28x
(0.012 to 0.020) 28x
2.35 to 2.65
(0.093 to 0.104)
1.27 26x
(0.05) 26x
0.10 to 0.30
(0.004 to 0.012)
5º to 15º 4x
0.40 to 1.27
(0.016 to 0.050)
0º to 8º
0.20 to 0.33
(0.008 to 0.013)
See Note 6
0.25 to 0.75 x 45º
(0.010 to 0.030) x 45º
See Note 5
Seating Plane
(MIN to MAX inches)
MIN to MAX mm
DIMENSIONS
0.10
(0.004)
Recommended PCB Land Pattern
9.30
(0.366)
1.27
(0.050)
0.60
(0.024)
2.00
(0.079)
Notes:
1. All dimensions are in mm / (inches).
2. This package conforms to JEDEC Standard MS-013, variation AE issue C.
3. Dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15mm per end.
4. Dimension does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.25mm per side.
5. This chamfer is optional. If it is not present, then a Pin 1 identifier must be located as shown.
6. The dimension applies to the flat section of the lead between 0.10mm to 0.25mm from the lead tip.
Pin 1
Identifier
Dimensions
mm
(inches)
Top Cover
Tape Thickness
0.102 MAX
(0.004 MAX)
330.2 DIA.
(13.00 DIA)
Embossed Carrier
Embossment
A
0=10.90
(0.429)
B
0=18.30
(0.720)
W=24.00+0.03/-0.01
(0.945+0.001/-0.0004)
K
1=2.70
(0.106)
K
0=3.20
(0.126)
P=12.00
(0.472)
Notes:
1. Unless otherwise specified, all dimensional tolerances per EIA standard 481
2. Unless otherwise specified, all dimensions ±0.10 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com