Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4428 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IX4428
Description  1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4428 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IX4428 Datasheet HTML 5Page - IXYS Corporation IX4428 Datasheet HTML 6Page - IXYS Corporation IX4428 Datasheet HTML 7Page - IXYS Corporation IX4428 Datasheet HTML 8Page - IXYS Corporation IX4428 Datasheet HTML 9Page - IXYS Corporation IX4428 Datasheet HTML 10Page - IXYS Corporation IX4428 Datasheet HTML 11Page - IXYS Corporation IX4428 Datasheet HTML 12Page - IXYS Corporation IX4428 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX4426-27-28
10
www.ixysic.com
R05
Temperature (ºC)
-50
0
50
100
150
-3.0
-2.9
-2.8
-2.7
-2.6
-2.5
-2.4
-2.3
Output Source Current
vs. Temperature
(C
L=47nF, VCC=18V)
Temperature (ºC)
-50
0
50
100
150
2.4
2.6
2.8
3.0
3.2
3.4
Output Sink Current
vs. Temperature
(C
L=47nF, VCC=18V)
Supply Voltage (V)
0
5
10
15
20
25
30
35
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
High-State Output Resistance
vs. Supply Voltage
(I
OUT=-10mA)
Supply Voltage (V)
0
5
10
15
20
25
30
35
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Low-State Output Resistance
vs. Supply Voltage
(I
OUT=+10mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com