Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP20N85X Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP20N85X
Description  X-Class HiPerFETTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP20N85X Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP20N85X Datasheet HTML 1Page - IXYS Corporation IXFP20N85X Datasheet HTML 2Page - IXYS Corporation IXFP20N85X Datasheet HTML 3Page - IXYS Corporation IXFP20N85X Datasheet HTML 4Page - IXYS Corporation IXFP20N85X Datasheet HTML 5Page - IXYS Corporation IXFP20N85X Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
DS100703C(6/16)
IXFA20N85XHV
IXFP20N85X
IXFH20N85X
V
DSS
= 850V
I
D25
= 20A
R
DS(on)
 330m
Features
International Standard Packages
High Voltage Package
Low R
DS(ON) and QG
Avalanche Rated
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
850
V
V
GS(th)
V
DS = VGS, ID = 2.5mA
3.5
5.5
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
A
T
J = 125C
1.5 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
330 m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
850
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
850
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C20
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
50
A
I
A
T
C = 25C10
A
E
AS
T
C = 25C
800
mJ
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
50
V/ns
P
D
T
C = 25C
540
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263HV)
10.65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220 & TO-247)
1.13 / 10
Nm/lb.in
Weight
TO-263HV
2.5
g
TO-220
3.0
g
TO-247
6.0
g
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
X-Class HiPerFETTM
Power MOSFET
G D
S
TO-220AB (IXFP)
D (Tab)
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXFH)
G
S
D (Tab)
D
G
S
TO-263HV
D (Tab)


Similar Part No. - IXFP20N85X

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFP20N85X ISC-IXFP20N85X Datasheet
245Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFP20N85X

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA22N65X2 IXYS-IXFA22N65X2 Datasheet
209Kb / 6P
X2-Class HiPerFETTM
IXFA34N65X2 IXYS-IXFA34N65X2 Datasheet
210Kb / 6P
X2-Class HiPerFETTM
IXFH60N65X2 IXYS-IXFH60N65X2 Datasheet
156Kb / 5P
X2-Class HiPerFETTM
IXFH80N65X2 IXYS-IXFH80N65X2 Datasheet
209Kb / 5P
X2-Class HiPerFETTM
IXFK100N65X2 IXYS-IXFK100N65X2 Datasheet
202Kb / 5P
X2-Class HiPerFETTM
IXFN100N65X2 IXYS-IXFN100N65X2 Datasheet
134Kb / 5P
X2-Class HiPerFETTM
IXFN150N65X2 IXYS-IXFN150N65X2 Datasheet
132Kb / 5P
X2-Class HiPerFETTM
IXFN170N65X2 IXYS-IXFN170N65X2 Datasheet
131Kb / 5P
X2-Class HiPerFETTM
IXFT50N85XHV IXYS-IXFT50N85XHV Datasheet
293Kb / 6P
X-Class HiPerFETTM
IXFT80N65X2HV IXYS-IXFT80N65X2HV Datasheet
197Kb / 6P
X2-Class HiPerFETTM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com