Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4428N Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX4428N
Description  1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4428N Datasheet(HTML) 1 Page - IXYS Corporation

  IX4428N Datasheet HTML 1Page - IXYS Corporation IX4428N Datasheet HTML 2Page - IXYS Corporation IX4428N Datasheet HTML 3Page - IXYS Corporation IX4428N Datasheet HTML 4Page - IXYS Corporation IX4428N Datasheet HTML 5Page - IXYS Corporation IX4428N Datasheet HTML 6Page - IXYS Corporation IX4428N Datasheet HTML 7Page - IXYS Corporation IX4428N Datasheet HTML 8Page - IXYS Corporation IX4428N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX4426-27-28_R05
www.ixysic.com
1
Features
• 1.5A Peak Output Current
• Wide Operating Voltage Range: 4.5V to 35V
• -40°C to +125°C Operating Temperature Range
• Latch-up Protected to 1.5A
• TTL and CMOS Compatible Inputs
• Fast Rise and Fall Times
• Low Power Consumption
Applications
• MOSFET Driver
• Switching Power Supplies
• Motor Controls
• DC to DC Converters
• Pulse Transformer Driver
Description
The IX4426, IX4427, and IX4428 are dual high-speed,
low-side gate drivers. Each of the two outputs can
source and sink 1.5A of peak current with rise and fall
times of less than 10ns. The inputs of each driver are
TTL and CMOS compatible, and are virtually immune
to latch-up. Low propagation delay times and fast,
matched rise and fall times make the IX4426, IX4427,
and IX4428 ideal for high-frequency and high-power
applications.
The IX4426 is configured as a dual inverting driver;
the IX4427 is configured as a dual non-inverting
driver; and the IX4428 is configured with one inverting
driver and one non-inverting driver. All three devices
are available in a standard 8-pin SOIC package (N
suffix) and an 8-pin DFN package (M suffix).
Ordering Information
Logic Configuration
Part Number
Package Type
Packing Method
Quantity
IX4426N
8-Pin SOIC
Tube
100
IX4426NTR
8-Pin SOIC
Tape & Reel
2000
IX4426MTR
8-Pin DFN
Tape & Reel
2000
IX4427N
8-Pin SOIC
Tube
100
IX4427NTR
8-Pin SOIC
Tape & Reel
2000
IX4427MTR
8-Pin DFN
Tape & Reel
2000
IX4428N
8-Pin SOIC
Tube
100
IX4428NTR
8-Pin SOIC
Tape & Reel
2000
IX4428MTR
8-Pin DFN
Tape & Reel
2000
OUTA
OUTB
INA
INB
A
B
OUTA
OUTB
INA
INB
A
B
INA
INB
A
B
OUTA
OUTB
IX4426-IX4427-IX4428
1.5-Ampere Dual Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IX4428N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX4423 IXYS-IX4423 Datasheet
280Kb / 12P
Ultrafast MOSFET Drivers
IX4423N IXYS-IX4423N Datasheet
280Kb / 12P
Ultrafast MOSFET Drivers
IX4423NTR IXYS-IX4423NTR Datasheet
280Kb / 12P
Ultrafast MOSFET Drivers
IX4424 IXYS-IX4424 Datasheet
280Kb / 12P
Ultrafast MOSFET Drivers
IX4424G IXYS-IX4424G Datasheet
242Kb / 10P
Ultrafast MOSFET Driver
More results

Similar Description - IX4428N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN504SIA IXYS-IXDN504SIA Datasheet
415Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com