Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD75IF650NA Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXD75IF650NA
Description  XPT IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD75IF650NA Datasheet(HTML) 2 Page - IXYS Corporation

  IXD75IF650NA Datasheet HTML 1Page - IXYS Corporation IXD75IF650NA Datasheet HTML 2Page - IXYS Corporation IXD75IF650NA Datasheet HTML 3Page - IXYS Corporation IXD75IF650NA Datasheet HTML 4Page - IXYS Corporation IXD75IF650NA Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXD75IF650NA
tentative
-di /dt =
A/µs
T
=
°C
V
CES
V
650
collector emitter voltage
collector emitter saturation voltage
T
= 25°C
collector current
A
75
A
C
VJ
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
Unit
tbd
V
V
CE(sat)
total power dissipation
tbd
W
collector emitter leakage current
6.5
V
turn-on delay time
25
ns
t
reverse bias safe operating area
A
VGES
V
20
V
GEM
max. transient gate emitter voltage
T
=
°C
C
V
P
tot
gate emitter threshold voltage
RBSOA
150
tbd
T
=
°C
T
=
°C
VJ
V
max. DC gate voltage
I
C25
I
C
T
=
25°C
VJ
I =
A; V = 15 V
CGE
T
= 25°C
VJ
V
GE(th)
I
CES
I =
mA; V = V
CGE
CE
V = V
; V = 0 V
CE
CES
GE
I
GES
T
= 25°C
VJ
gate emitter leakage current
V
= ±20 V
GE
1.7
1.75
5.8
5
mA
0.1
mA
0.1
500
G(on)
total gate charge
V =
V; V = 15 V; I =
A
CE
Q
GE
C
130
nC
t
t
t
E
E
d(on)
r
d(off)
f
on
off
45
ns
120
ns
40
ns
1.1
mJ
1.7
mJ
current rise time
turn-off delay time
current fall time
turn-on energy per pulse
turn-off energy per pulse
inductive load
V
=
V; I =
A
V
= ±15 V; R =
Ω
CE
C
GE
G
V
= ±15 V; R =
Ω
GE
G
V
=
V
CEmax
650
short circuit safe operating area
µs
SCSOA
10
T
=
°C
VJ
V
=
V; V = ±15 V
CE
GE
short circuit duration
t
short circuit current
I
SC
SC
R =
Ω; non-repetitive
G
300
A
R
thJC
thermal resistance junction to case
tbd K/W
V
RRM
V
650
max. repetitive reverse voltage
T
= 25°C
VJ
T
= 25°C
forward current
A
tbd
A
C
tbd
T
=
°C
C
I
F25
I
F
T
= 25°C
forward voltage
V
2.00
V
VJ
1.80
T
= 125°C
VJ
VF
I =
A
F
T
= 25°C
reverse current
mA
0.15
mA
VJ
0.75
T
= 125°C
VJ
IR
R
RRM
T
= 125°C
VJ
Q
I
t
rr
RM
rr
7
µC
55
A
100
ns
reverse recovery charge
max. reverse recovery current
reverse recovery time
V =
I =
A; V = 0 V
F
FGE
E
rec
1.5
mJ
reverse recovery energy
R
R
thJC
thermal resistance junction to case
1 K/W
V = V
T
= 25°C
C
T
= 25°C
VJ
T
=
°C
VJ
VJ
75
1.2
75
75
75
75
10
10
10
300
360
1200
300
I
CM
1.5
RthCH
thermal resistance case to heatsink
K/W
R
thCH
thermal resistance case to heatsink
K/W
IGBT
Diode
300 V
V
=
V
CEmax
360
100
100
100
100
150
150
150
150
150
nA
0.10
0.10
IXYS reserves the right to change limits, conditions and dimensions.
20131204
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com