Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COILTRONICSDR125-221-R,or Datasheet(PDF) 13 Page - Texas Instruments

Part # COILTRONICSDR125-221-R,or
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COILTRONICSDR125-221-R,or Datasheet(HTML) 13 Page - Texas Instruments

Back Button COILTRONICSDR125-221-R,or Datasheet HTML 8Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 9Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 10Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 11Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 12Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 13Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 14Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 15Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
FB
SW
L1
SM74301
Cff
RFB2
R3
C2
VOUT
RFB1
Cff =
3 x tON (max)
(RFB1//RFB2)
SM74301
www.ti.com
SNVS719A – JULY 2011
Figure 13. Efficiency vs. Load Current and VIN
Figure 14. Efficiency vs. VIN
LOW OUTPUT RIPPLE CONFIGURATIONS
For applications where low output ripple is required, the following options can be used to reduce or nearly
eliminate the ripple.
a) Reduced ripple configuration: In Figure 15, Cff is added across RFB2 to AC-couple the ripple at VOUT directly
to the FB pin. This allows the ripple at VOUT to be reduced to a minimum of 25 mVp-p by reducing R3, since the
ripple at VOUT is not attenuated by the feedback resistors. The minimum value for Cff is determined from:
(9)
where tON(max) is the maximum on-time, which occurs at VIN(min). The next larger standard value capacitor should
be used for Cff.
Figure 15. Reduced Ripple Configuration
b) Minimum ripple configuration: If the application requires a lower value of ripple (<10 mVp-p), the circuit of
Figure 16 can be used. R3 is removed, and the resulting output ripple voltage is determined by the inductor’s
ripple current and C2’s characteristics. RA and CA are chosen to generate a sawtooth waveform at their junction,
and that voltage is AC-coupled to the FB pin via CB. To determine the values for RA, CA and CB, use the
following procedure:
Calculate VA = VOUT - (VSW x (1 - (VOUT/VIN(min))))
(10)
where VSW is the absolute value of the voltage at the SW pin during the off-time (typically 1V). VA is the DC
voltage at the RA/CA junction, and is used in the next equation.
- Calculate RA x CA = (VIN(min) - VA) x tON/ΔV
(11)
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SM74301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com