Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA101SM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 9Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 10Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 11Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 12Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 13Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 14Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 15Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 16Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
If an interrupt enable is set then an interrupt will be generated. If an interrupt occurs at the same time as the
interrupt status is being read, then the interrupt will be set after the read is complete. All bits in the Interrupt
Status register are cleared when the register is read.
FLAG GENERATOR
The FG takes in the TDI_SM or TDO_SM pointer values from the PPI address pointers, compares them and
generates the appropriate flags. If a flag condition has occurred, it is passed, along with the corresponding load
enable, to the SIG to set the bit in the status register. If the flag condition changes, then the clear for the
corresponding bit is passed to the SIG to clear the flag. The TDO_SM empty and the TDI_SM full flags are
passed to the SSI also. A counter enable is passed from the SSI to indicate to the FG when the SSI's pointer
value has changed. If a decrement and an increment occur at the same time to either of the counters, the
counter value will not change.
PPI INTERFACE TIMING
The processor accesses to SCANSTA101 can be classified into six categories:
•
register read
•
register write
•
16-bit memory read
•
16-bit memory write
•
32-bit memory read
•
32-bit memory write
Register reads and register writes are performed the same whether the device is in 16-bit mode or 32-bit mode.
In 32-bit mode, only the LS word is used. The MS word is ignored. The timing for the 16-bit and 32-bit modes is
exactly the same.
The 16-bit mode memory write is accomplished by performing two consecutive register writes with the only
difference being that the actual write occurs on the second access. The 16-bit mode register read consists of two
accesses, with the first access performed similar to the 16-bit register read but requiring one more clock to
complete the memory access. Since all 32-bits of the memory data are captured on the first access, the second
memory read access is 2 clocks shorter than the first.
The processor initiates a write cycle by asserting CE followed by STB. A set time prior to asserting STB, the R/W
is driven low and the address and data buses are driven by valid address and data, respectively. After edge
detecting the STB and registering all the inputs, the address is decoded to determine which internal address
within the SCANSTA101 will be written by the processor. The DTACK will be asserted on the same rising edge
of SCK on which the negative edge of the STB signal is detected, indicating to the processor that it can deassert
the STB. When the SCANSTA101 detects the positive edge of the STB, it will deassert the DTACK indicating to
the processor that it can start a new cycle. The processor can start a new cycle by asserting the STB and by
driving the address and data buses with new address and data.
A read cycle is similar to the write cycle except that the DTACK will not be asserted until the selected address
location's contents are loaded. So, for a 16-bit register read it takes one more clock than it does for a write cycle.
Reads and writes to the SCANSTA101 memory require two consecutive accesses in the 16-bit external bus
mode. The memory writes are similar to register writes; the processor performs two consecutive 16-bit writes to
write to the selected memory location.
During a memory read, the DTACK line is not asserted until the contents of the memory is loaded into the
capture registers. For this reason the first read from the memory requires five clocks which includes the memory
access time, while the second read is done in three clock cycles.
SERIAL SCAN INTERFACE
The Serial Scan Interface consists of the following units:
•
Clock Divider and TCK_SM Control
•
TAP Tracker
•
Pointer Generator
•
Structure (Sequencer/Vector/Macro/ScanBridge) Decoder
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com