Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3232CPWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232CPWRG4
Description  MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3232CPWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  MAX3232CPWRG4 Datasheet HTML 1Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 2Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 3Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 4Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 5Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 6Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 7Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 8Page - Texas Instruments MAX3232CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RX
TX
POWER
3.3 V, 5 V
DIN
ROUT
DOUT
RS232
RIN
RS232
2
2
2
2
MAX3232
SLLS410K – JANUARY 2000 – REVISED JANUARY 2015
MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
With ±15-kV ESD Protection
1 Features
3 Description
The MAX3232 device consists of two line drivers, two
1
•
RS-232 Bus-Terminal ESD Protection Exceeds
line receivers, and a dual charge-pump circuit with
±15 kV Using Human-Body Model (HBM)
±15-kV ESD protection terminal to terminal (serial-
•
Meets or Exceeds the Requirements of TIA/EIA-
port connection terminals, including GND). The
232-F and ITU V.28 Standards
device meets the requirements of TIA/EIA-232-F and
provides
the
electrical
interface
between
an
•
Operates With 3-V to 5.5-V VCC Supply
asynchronous
communication
controller
and
the
•
Operates up to 250 kbit/s
serial-port connector. The charge pump and four
•
Two Drivers and Two Receivers
small external capacitors allow operation from a
•
Low Supply Current: 300
μA Typical
single 3-V to 5.5-V supply. The devices operate at
data signaling rates up to 250 kbit/s and a maximum
•
External Capacitors: 4 × 0.1
μF
of 30-V/
μs driver output slew rate.
•
Accepts 5-V Logic Input With 3.3-V Supply
•
Alternative High-Speed Terminal-Compatible
Device Information(1)
Devices (1 Mbit/s)
PART NUMBER
PACKAGE (PIN)
BODY SIZE
–
SN65C3232 (–40°C to 85°C)
SOIC (16)
9.90 mm × 3.91 mm
–
SN75C3232 (0°C to 70°C)
SSOP (16)
6.20 mm × 5.30 mm
MAX3232
10.30 mm × 7.50
SOIC (16)
mm
2 Applications
TSSOP (16)
5.00 mm × 4.40 mm
•
Battery-Powered Systems
(1) For all available packages, see the orderable addendum at
•
PDAs
the end of the data sheet.
•
Notebooks
•
Laptops
•
Palmtop PCs
•
Hand-Held Equipment
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MAX3232CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232CPWRG4 TI-MAX3232CPWRG4 Datasheet
615Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3232CPWRG4 TI2-MAX3232CPWRG4 Datasheet
1Mb / 30P
MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JUNE 2021
MAX3232CPWRG4.A TI2-MAX3232CPWRG4.A Datasheet
1Mb / 30P
MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JUNE 2021
MAX3232CPWRG4.B TI2-MAX3232CPWRG4.B Datasheet
1Mb / 30P
MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JUNE 2021
More results

Similar Description - MAX3232CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C3243 TI-SN65C3243 Datasheet
306Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com