Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SC3232 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90SC3232
Description  SECURE MICOROCONTROLLER FOR SMART CARDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SC3232 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90SC3232 Datasheet HTML 1Page - ATMEL Corporation AT90SC3232 Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Features
General
• High-performance, Low-power AVR® (AVR2 Core) Enhanced RISC Architecture
– 120 Powerful Instructions (Most Executed in a Single Clock Cycle)
• Low-power Idle and Power-down Modes
• Bond Pad Locations Conforming to ISO 7816-2
• ESD Protection to ± 6000V
• Operating Ranges: from 2.7V to 3.3V and 4.5V to 5.5V
• Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible
• Available in Wafers, Modules and Industry-standard Packages
Memory
• 32K Bytes of Flash Program Memory
– Endurance: 10,000 minimum Write/Erase Cycles
• 32K Bytes of EEPROM, Including 64-byte OTP Area and 64-byte Bit-addressable Area
– 1 to 128-byte Program/Erase
– 2 ms Program, 2 ms Erase
– Typically More than 500,000 Write/Erase Cycles
– 10 Years Data Retention
• 1.5K Bytes RAM
Peripherals
• I/O Port
– Configurable to Support Communication Protocols Including ISO 7816-3
• 16-bit Timer
• Random Number Generator (FIPS 140-1)
• 2-level, 4-vector Interrupt Controller
Security
• Advanced Protection Against Physical Attack
• Environmental Protection Systems
• Voltage Monitor
• Frequency Monitor
• Secure Memory Management/Access Protection (Supervisor Mode)
Development Tools
• Hardware Development Support on the Smart Card Development Kit (SDK)
Description
The AT90SC3232 is a low-power, high-performance, 8-bit microcontroller with Flash
Program memory and EEPROM Data memory, based on the AVR enhanced RISC
architecture. By executing powerful instructions in a single clock cycle, the
AT90SC3232 achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture
includes 32 general-purpose working registers directly connected to the ALU, allowing
two independent registers to be accessed in one single instruction executed in one
clock cycle.
The AT90SC3232 includes 64K bytes of Atmel’s high density, nonvolatile memory. The
on-chip downloadable Flash allows the Program memory to be reprogrammed in-sys-
tem. This technology combined with the versatile 8-bit CPU on a monolithic chip
provides a highly flexible and cost-effective solution to many smart card applications.
Secure
Microcontroller
for Smart Cards
AT90SC3232
Summary
Rev. 1316DS–10/01
Note: This is a summary document. A complete document will be
available under NDA. For more information, please contact your
local Atmel sales office.


Similar Part No. - AT90SC3232

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SC320288RCT ATMEL-AT90SC320288RCT Datasheet
28Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC320288RCT ATMEL-AT90SC320288RCT Datasheet
50Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC320288RCT ATMEL-AT90SC320288RCT_06 Datasheet
50Kb / 4P
Secure Microcontroller for Smart Cards
More results

Similar Description - AT90SC3232

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC12872RCFT ATMEL-AT90SC12872RCFT Datasheet
109Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC9608RCT ATMEL-AT90SC9608RCT Datasheet
53Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT Datasheet
60Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC6408RFT ATMEL-AT90SC6408RFT Datasheet
88Kb / 4P
Secure Microcontrollers for Smart Cards
AT90SC9604RU ATMEL-AT90SC9604RU Datasheet
67Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC12036RU ATMEL-AT90SC12036RU Datasheet
61Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
Secure Microcontroller for Smart Cards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com