Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7593BATR Datasheet(PDF) 21 Page - IXYS Corporation

Part # CPC7593BATR
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7593BATR Datasheet(HTML) 21 Page - IXYS Corporation

Back Button CPC7593BATR Datasheet HTML 16Page - IXYS Corporation CPC7593BATR Datasheet HTML 17Page - IXYS Corporation CPC7593BATR Datasheet HTML 18Page - IXYS Corporation CPC7593BATR Datasheet HTML 19Page - IXYS Corporation CPC7593BATR Datasheet HTML 20Page - IXYS Corporation CPC7593BATR Datasheet HTML 21Page - IXYS Corporation CPC7593BATR Datasheet HTML 22Page - IXYS Corporation CPC7593BATR Datasheet HTML 23Page - IXYS Corporation CPC7593BATR Datasheet HTML 24Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7593
R05
www.ixysic.com
21
If a power-cross fault occurs with the device in the talk
state, the current is passed though the break switches
SW1 and SW2 on to the integrated protection circuit
but is limited by the dynamic DC current limit response
of the two break switches. The DC current limit
specified over temperature is between 80mA and
425mA, and the circuitry has a negative temperature
coefficient. As a result, if the device is subjected to
extended heating due to a power cross fault condition,
the measured current into TLINE or RLINE will decrease
as the device temperature increases. If the device
temperature rises sufficiently, the temperature
shutdown mechanism will activate and the device will
enter the all-off state.
2.10 Thermal Shutdown
The thermal shutdown mechanism will activate when
the device die temperature reaches a minimum of
110° C, placing the device in the all-off state
regardless of INRINGING, INTESTin and INTESTout logic
inputs. During thermal shutdown events the TSD pin
will output a logic low with a nominal 0 V level. A logic
high is output from the TSD pin during normal
operation with a typical output level equal to VDD.
If presented with a short duration transient such as a
lightning event, the thermal shutdown feature will
typically not activate. But in an extended power-cross
event, the device temperature will rise and the thermal
shutdown mechanism will activate forcing the switches
to the all-off state. At this point the current measured
into TLINE or RLINE will drop to zero. Once the device
enters thermal shutdown it will remain in the all-off
state until the temperature of the die drops below the
deactivation level of the thermal shutdown circuit. This
permits the device to return to normal operation. If the
transient has not passed, current will again flow up to
the value allowed by the dynamic DC current limiting
of the switches and heating will resume, reactivating
the thermal shutdown mechanism. This cycle of
entering and exiting the thermal shutdown mode will
continue as long as the fault condition persists. If the
magnitude of the fault condition is great enough, the
external secondary protector will activate shunting the
fault current to ground.
The thermal shutdown mechanism of the CPC7593
cannot be disabled by forcing a logic 1 to TSD.
Therefore, only an open-collector or open-drain type
interface should be used to control the TSD pin’s input
function.
2.11 External Protection Elements
The CPC7593 requires only over voltage secondary
protection on the loop side of the device. The
integrated protection feature described above negates
the need for additional external protection on the SLIC
side. The secondary protector must limit voltage
transients to levels that do not exceed the breakdown
voltage or input-output isolation barrier of the
CPC7593. A foldback or crowbar type protector is
recommended to minimize stresses on the CPC7593.
Consult IXYS Integrated Circuits Division’s application
note, AN-100, “Designing Surge and Power Fault
Protection Circuits for Solid State Subscriber Line
Interfaces” for equations related to the specifications of
external secondary protectors, fused resistors and
PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com