Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7593ZATR Datasheet(PDF) 18 Page - IXYS Corporation

Part # CPC7593ZATR
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7593ZATR Datasheet(HTML) 18 Page - IXYS Corporation

Back Button CPC7593ZATR Datasheet HTML 14Page - IXYS Corporation CPC7593ZATR Datasheet HTML 15Page - IXYS Corporation CPC7593ZATR Datasheet HTML 16Page - IXYS Corporation CPC7593ZATR Datasheet HTML 17Page - IXYS Corporation CPC7593ZATR Datasheet HTML 18Page - IXYS Corporation CPC7593ZATR Datasheet HTML 19Page - IXYS Corporation CPC7593ZATR Datasheet HTML 20Page - IXYS Corporation CPC7593ZATR Datasheet HTML 21Page - IXYS Corporation CPC7593ZATR Datasheet HTML 22Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
INTEGRATED CIRCUITS DIVISION
18
www.ixysic.com
R05
CPC7593
2.3.6 Break-Before-Make Operation Logic Table (Ringing to Talk Transition)
2.3.7 Alternate Break-Before-Make Operation
The second break-before-make method is also
available for use with all versions of the CPC7593. As
shown in “Truth Table for CPC7593xA and CPC7593xB” on
page 14 and “Truth Table for CPC7593xC and CPC7593xD”
on page 14, the bi-directional TSD interface disables all
of the CPC7593 switches when pulled to a logic low.
Although logically disabled, an active (closed) ringing
switch (SW4) will remain closed until the next current
zero crossing event.
As shown in the table “Break-Before-Make Operation
Logic Table (Ringing to Talk Transition)” on page 18, this
operation is similar to the one shown in “Alternate
Break-Before-Make Operation Logic Table (Ringing to Talk
Transition)” on page 19, except in the method used to
select the all-off state and when the INRINGING,
INTESTin and INTESTout inputs are reconfigured for the
talk state.
1.
Pull TSD to a logic low to end the ringing state.
This opens the ringing return switch (SW3) and
prevents any other switches from closing.
2.
Keep TSD low for at least one-half the duration of
the ringing cycle period to allow sufficient time for
a zero crossing current event to occur and for the
circuit to enter the break before make state.
3.
During the TSD low period, set the INRINGING,
INTESTin and INTESTout inputs to the talk state
(0,0,0).
4.
Release TSD allowing the internal pull-up to
activate the break switches.
When using TSD as an input, the two recommended
states are “0” which over rides logic input pins and
forces an all-off state and “Z” which allows switch
control via the logic input pins. This requires the use of
an open-collector or open-drain type buffer.
State
INRINGING INTESTin INTESTout
Latch
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
0Z
-Off
On
On
Off
All-off *
10
1
Hold this state for at least
one-half of ringing cycle. SW4
waiting for zero current to turn
off.
Off
Off
On
Off
Break-
Before-
Make *
10
1
Zero current has occurred. SW4
has opened
Off
Off
Off
Off
Talk
0
0
0
Break switches close.
On
Off
Off
Off
* For the CPC7593xA/B versions the input pattern (1,1,1) may also be used for the all-off state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com