Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7593ZCTR Datasheet(PDF) 17 Page - IXYS Corporation

Part # CPC7593ZCTR
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7593ZCTR Datasheet(HTML) 17 Page - IXYS Corporation

Back Button CPC7593ZCTR Datasheet HTML 13Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 14Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 15Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 16Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 17Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 18Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 19Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 20Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 21Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7593
R05
www.ixysic.com
17
The logic sequences for either mode of operation are
given in “Make-Before-Break Operation Logic Table
(Ringing to Talk Transition)” on page 17,
“Break-Before-Make Operation Logic Table (Ringing to Talk
Transition)” on page 18 and “Alternate Break-Before-Make
Operation Logic Table (Ringing to Talk Transition)” on
page 19. Logic states and explanations are shown in
“Truth Tables” on page 14.
2.3.3 Make-Before-Break Operation
To use make-before-break operation, change the logic
inputs from the ringing state directly to the talk state.
Application of the talk state opens the ringing return
switch, SW3, as the break switches SW1 and SW2
close. The ringing switch, SW4, remains closed until
the next zero-crossing of the ringing current. While in
the make-before-break state, ringing potentials in
excess of the CPC7593 protection circuitry thresholds
will be diverted away from the SLIC.
2.3.4 Make-Before-Break Operation Logic Table (Ringing to Talk Transition)
2.3.5 Break-Before-Make Operation
Break-before-make operation of the CPC7593 can be
achieved using two different techniques.
The first method uses manipulation of the (INRINGING,
INTESTin, INTESTout) logic inputs as shown in
“Break-Before-Make Operation Logic Table (Ringing to Talk
Transition)” on page 18.
1.
At the end of the ringing state apply the all-off
state (1,0,1). This releases the ringing return
switch (SW3) while the ringing switch remains on
waiting for the next zero current event.
2.
Hold the all-off state for at least one-half of a
ringing cycle to assure that a zero crossing event
occurs and that the ringing switch (SW4) has
opened.
3.
Apply inputs for the next desired state. For the
talk state, the inputs would be (0,0,0).
Break-before-make operation occurs when the ringing
switch opens before the break switches SW1 and
SW2 close.
State
INRINGING INTESTin INTESTout
Latch
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
0Z
-Off
On
On
Off
Make-
Before-
Break
00
0
SW4 waiting for next
zero-current crossing to turn off.
Maximum time is one-half of the
ringing cycle. In this transition
state, current that is limited to the
break switch dc current limit
value will be sourced from the
ring node of the SLIC.
On
Off
On
Off
Talk
0
0
0
Zero-cross current has occurred
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com