Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8958 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8958
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8958 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8958 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 377 page
background image
Pre-Production
WM8958
w
PP, August 2012, Rev 3.4
73
The control sequence for disabling the MBC is described in Table 25. It is recommended that the
applicable DAC playback path is muted during this sequence, as described below.
STEP
DESCRIPTION
NOTES
1
Mute the applicable DAC output(s)
The DAC Volume and Mute controls are
described in Table 58.
2
Set MBC_ENA = 0
3
Un-mute the applicable DAC output(s)
4
Set DSP2_ENA = 0
5
Set DSP2CLK_ENA = 0
Table 25 MBC Disable Sequence
The control sequence for updating the MBC configuration parameters is described in Table 26. It is
recommended that the applicable DAC playback paths are muted during this sequence, as described
below.
The same sequence is required when reading the MBC configuration parameters; note that readback
of these registers is not possible when the MBC function is active.
STEP
DESCRIPTION
NOTES
1
Mute the applicable DAC output(s)
The DAC Volume and Mute controls are
described in Table 58. (If changing the MBC
from one signal path to another, then both
DAC paths should be muted.)
2
Set MBC_ENA = 0
3
Write DSP2_STOP = 1
4
Readback the MBC configuration
parameters
Refer to WISCE™ for register settings.
5
Set Register R2568 (0A08h) = 007Bh
Set Register R2569 (0A09h) = 0007h
Set Register R2570 (0A0Ah) = 0073h
Set the configuration parameters
Refer to WISCE™ for register settings.
Note that these actions are only required for
user-specific MBC configuration.
6
Write DSP2_RUNR = 1
7
Set MBC_SEL
For AIF1DAC1 path, set MBC_SEL = 00.
For AIF1DAC2 path, set MBC_SEL = 01.
For AIF2DAC path, set MBC_SEL = 10.
Set MBC_ENA = 1
8
Un-mute the applicable DAC output(s)
Table 26 MBC Update / Readback Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com