Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47024 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 4 Page - Cirrus Logic

  CS47024 Datasheet HTML 1Page - Cirrus Logic CS47024 Datasheet HTML 2Page - Cirrus Logic CS47024 Datasheet HTML 3Page - Cirrus Logic CS47024 Datasheet HTML 4Page - Cirrus Logic CS47024 Datasheet HTML 5Page - Cirrus Logic CS47024 Datasheet HTML 6Page - Cirrus Logic CS47024 Datasheet HTML 7Page - Cirrus Logic CS47024 Datasheet HTML 8Page - Cirrus Logic CS47024 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DS787PP9
4
1 Documentation Strategy
1 Documentation Strategy
The CS470xx Data Sheet describes the CS47048, CS47028, and CS47024 audio processors. This document should be
used in conjunction with the following documents when evaluating or designing a system around the CS470xx processors.
Table 1-1. CS470xx Related Documentation
The scope of the CS470xx Data Sheet is primarily the hardware specifications of the CS470xx family of devices. This
includes hardware functionality, characteristic data, pinout, and packaging information.
The intended audience for the CS470xx Data Sheet is the system PCB designer, MCU programmer, and the quality control
engineer.
2 Overview
The CS470xx DSP is designed to provide high-performance post-processing and mixing of analog and digital audio. Dual
clock domains are supported when the DAI and SPDIF RX inputs are used together. Integrated sample rate converters
(SRCs) allow audio streams with different sample rates to be mixed. The low-power standby preserves battery life for
applications that are always on, but not necessarily processing audio, such as automotive audio systems.
The CS470xx uses voltage-out DACs and is capable of supporting dual input clock domains through the use of the internal
SRCs. The CS470xx is available in a 100-pin LQFP package. Refer to Table 3-1 and Table 3-2 for the input, output, and
firmware configurations for the CS470xx DSP.
2.1 Licensing
Licenses are required for any third-party audio processing algorithms provided for the CS470xx. Contact your local Cirrus
Logic Sales representative for more information.
Document Name
Description
CS470xx Data Sheet
This document
CS470xx Hardware User’s Manual Guide
Includes detailed system design information such as typical connection diagrams, boot-proce-
dures, and pin descriptions
AN333 - CS470xx Firmware User’s Manual Includes a list of firmware modules available on the CS470xx family platform and detailed firm-
ware design information including signal processing flow diagrams and control API information
DSP Composer User’s Manual
Includes detailed configuration and usage information for the GUI development tool
CDB470xx User’s Manual
Includes detailed instructions on the use of the CDB470xx development board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com