Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47028 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS47028
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47028 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS47028 Datasheet HTML 9Page - Cirrus Logic CS47028 Datasheet HTML 10Page - Cirrus Logic CS47028 Datasheet HTML 11Page - Cirrus Logic CS47028 Datasheet HTML 12Page - Cirrus Logic CS47028 Datasheet HTML 13Page - Cirrus Logic CS47028 Datasheet HTML 14Page - Cirrus Logic CS47028 Datasheet HTML 15Page - Cirrus Logic CS47028 Datasheet HTML 16Page - Cirrus Logic CS47028 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
DS787PP9
5.4 Power Supply Characteristics
5.4 Power Supply Characteristics
Note:
Measurements performed under operating conditions
1. Dependent on application firmware and DSP clock speed.
5.5 Thermal Data (100-pin LQFP with Exposed Pad)
1. To calculate the die temperature for a given power dissipation:
j = Ambient temperature + [ (Power Dissipation in Watts) * ja ]
2. To calculate the case temperature for a given power dissipation:
c = j - [ (Power Dissipation in Watts) * jt ]
Note:
Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20%
of the top and bottom layers.
Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20% of the
top and bottom layers and 0.5-oz. copper covering 90% of the internal power plane and ground plane layers.
5.6 Digital Switching Characteristics–RESET
1. The rising edge of RESET must not occur before the power supplies are stable at the recommended operating values as described in Section 5.2. In
addition, for the configuration pins to be read correctly, the RESET Trstl requirement must be met.
Parameter
Min Typ Max Unit
Operational Power Supply Current:
VDD: Core and I/O operating1
VDDA: PLL operating current
VDDA: DAC operating current (all 8 channels enabled)
VDDA: ADC operating current (all 4 channels enabled)
VDDIO: With most ports operating
Total Operational Power Dissipation:
Standby Power Supply Current:
VDD: Core and I/O not clocked
VDDA: PLLs halted
VDDA: DAC disabled
VDDA: ADC disabled
VDDIO: All connected I/O pins 3-stated by other ICs in system
Total Standby Power Dissipation:
—
—
—
—
—
—
—
—
—
—
325
16
56
34
27
1025
410
26
40
24
215
1745
—
—
—
—
—
—
—
—
—
—
mA
mA
mA
mA
mA
mW
μA
μA
μA
μA
μA
μW
Parameter
Symbol Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
ja
—
—
34
18
—
—
°C/Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
jt
—
—
0.54
.28
—
—
°C/Watt
Parameter
Symbol Min Max Unit
RESET minimum pulse width low1
Trstl
1—
s
All bidirectional pins high-Z after RESET low
Trst2z
—
200
ns
Configuration pins setup before RESET high
Trstsu
50
—
ns
Configuration pins hold after RESET high
Trsthld
20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com