Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT94K Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 4 Page - ATMEL Corporation

  AT94K Datasheet HTML 1Page - ATMEL Corporation AT94K Datasheet HTML 2Page - ATMEL Corporation AT94K Datasheet HTML 3Page - ATMEL Corporation AT94K Datasheet HTML 4Page - ATMEL Corporation AT94K Datasheet HTML 5Page - ATMEL Corporation AT94K Datasheet HTML 6Page - ATMEL Corporation AT94K Datasheet HTML 7Page - ATMEL Corporation AT94K Datasheet HTML 8Page - ATMEL Corporation AT94K Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 192 page
background image
4
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
The embedded AVR core achieves throughputs approaching 1 MIPS per MHz by executing
powerful instructions in a single-clock cycle, and allows system designers to optimize power
consumption versus processing speed. The AVR core is based on an enhanced RISC archi-
tecture that combines a rich instruction set with 32 general-purpose working registers. All 32
registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code-efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers at the same clock frequency. The AVR executes out of on-
chip SRAM. Both the FPGA configuration SRAM and the AVR instruction code SRAM can be
automatically loaded at system power-up using Atmel’s in-system programmable (ISP) AT17
Series EEPROM Configuration Memories.
State-of-the-art FPSLIC design tools, System Designer
™, were developed in conjunction with
the FPSLIC architecture to help reduce overall time-to-market by integrating microcontroller
development and debug, FPGA development and Place and Route, and complete system
co-verification in one easy-to-use software tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com