Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT97SC3201 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT97SC3201
Description  Trusted Platform Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3201 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT97SC3201 Datasheet HTML 1Page - ATMEL Corporation AT97SC3201 Datasheet HTML 2Page - ATMEL Corporation AT97SC3201 Datasheet HTML 3Page - ATMEL Corporation AT97SC3201 Datasheet HTML 4Page - ATMEL Corporation AT97SC3201 Datasheet HTML 5Page - ATMEL Corporation AT97SC3201 Datasheet HTML 6Page - ATMEL Corporation AT97SC3201 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
AT97SC3201
2015DS-TPM–7/04
Absolute Maximum Ratings
* VCC = 3.0 to 3.6V; Temperature = 0 to 70°C
Note:
These parameters guaranteed but not tested.
Operating Temperature..............................0°C to +70°C
Storage Temperature (without Bias)...........0°C to + 70°C
Voltage on I/O Pins..............................
−0.1 to V
CC +0.3V
Voltage on VCC with Respect to Ground.................6.0V
Maximum ESD Voltage..........................................2000V
*NOTICE:
Stresses beyond those listed under
“Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions beyond those indicated in
the operational sections of this specification may
cause temporary or permanent failure. Exposure
to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 1. DC Parameters*
Symbol
Parameter
Min
Nom
Max
Units
Notes
VCC
Supply Voltage
3.0
3.3
3.6
V
ICC
Operating Current at fclk = 33 MHz
25
50
mA
IST
Static Current
5
10
mA
VCC = 3.6V; fxtal = 0 Hz,
active inputs
I
SL
Sleep Current, Chip Idle
40
100
µA
V
CC = 3.6V; fxtal = 0 Hz
I
BB
Battery Current
2
4
µA
V
CC = 0V; fxtal = 0 Hz.
ILIO
Input Leakage
0.1
3
µA
Vin = VCC or GND
VIH
Input High Threshold
0.5 * VCC
VCC + 0.5
V
VIL
Input Low Threshold
−0.5
0.3 * VCC
V
V
OH
Output High Voltage
0.9 * V
CC
0.98 * V
CC
V
At I
OUT = −500 uA
V
OL
Output Low Voltage
0.1 * V
CC
VAt I
OUT = 1.5mA
I
OLCR
Output Low Current, CLKRUN#
7
mA
At V
OUT = .615 * VCC
CI
Input Pin Capacitance
6
pF
Note 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com