Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX66N85X Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFX66N85X
Description  Advance Technical Information
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX66N85X Datasheet(HTML) 2 Page - IXYS Corporation

  IXFX66N85X Datasheet HTML 1Page - IXYS Corporation IXFX66N85X Datasheet HTML 2Page - IXYS Corporation IXFX66N85X Datasheet HTML 3Page - IXYS Corporation IXFX66N85X Datasheet HTML 4Page - IXYS Corporation IXFX66N85X Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFK66N85X
IXFX66N85X
Note 1. Pulse test, t  300s, duty cycle, d 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Terminals: 1 - Gate
2,4 - Drain
3 - Source
PLUS247TM Outline
TO-264P Outline
Terminals: 1 = Gate
2,4 = Drain
3 = Source
4
c
A
b
D
R
Q
A
E
D1
D2
R1
L1
Q1
E1
b1
e
b2
x2
1
2
3
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
25
42
S
R
Gi
Gate Input Resistance
0.75
C
iss
8900
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
8900
pF
C
rss
142
pF
C
o(er)
294
pF
C
o(tr)
1270
pF
t
d(on)
40
ns
t
r
48
ns
t
d(off)
105
ns
t
f
20
ns
Q
g(on)
230
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
53
nC
Q
gd
113
nC
R
thJC
0.10
C/W
R
thCS
0.15
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 1(External)
Effective Output Capacitance
Energy related
Time related
V
GS = 0V
V
DS = 0.8 • VDSS
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
66
A
I
SM
Repetitive, Pulse Width Limited by T
JM
264
A
V
SD
I
F = IS , VGS = 0V, Note 1
1.4
V
t
rr
250
ns
Q
RM
2.7
μC
I
RM
21.7
A
I
F = 33A, -di/dt = 100A/s
V
R = 100V, VGS = 0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com