Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP22N65X2M Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFP22N65X2M
Description  Advance Technical Information
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP22N65X2M Datasheet(HTML) 3 Page - IXYS Corporation

  IXFP22N65X2M Datasheet HTML 1Page - IXYS Corporation IXFP22N65X2M Datasheet HTML 2Page - IXYS Corporation IXFP22N65X2M Datasheet HTML 3Page - IXYS Corporation IXFP22N65X2M Datasheet HTML 4Page - IXYS Corporation IXFP22N65X2M Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
IXFP22N65X2M
Fig. 6. Normalized Breakdown & Threshold Voltages
vs. Junction Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-60
-40
-20
0
20
40
60
80
100
120
140
160
TJ - Degrees Centigrade
BVDSS
VGS(th)
Fig. 5. RDS(on) Normalized to ID = 11A Value vs.
Drain Current
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
203040
50
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 4. RDS(on) Normalized to ID = 11A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 22A
I D = 11A
Fig. 1. Output Characteristics @ TJ = 25ºC
0
4
8
12
16
20
00.5
11.5
2
2.5
3
3.5
VDS - Volts
VGS = 10V
9V
6V
7V
8V
5V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
6V
7V
8V
9V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
4
8
12
16
20
0
1
234
5
6
7
VDS - Volts
VGS = 10V
6V
7V
5V
8V
4V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com