Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP24N65X2M Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP24N65X2M
Description  Advance Technical Information
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP24N65X2M Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP24N65X2M Datasheet HTML 1Page - IXYS Corporation IXTP24N65X2M Datasheet HTML 2Page - IXYS Corporation IXTP24N65X2M Datasheet HTML 3Page - IXYS Corporation IXTP24N65X2M Datasheet HTML 4Page - IXYS Corporation IXTP24N65X2M Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
DS100696(12/15)
X2-Class
Power MOSFET
N-Channel Enhancement Mode
IXTP24N65X2M
V
DSS
= 650V
I
D25
= 8.5A
R
DS(on)
 145m
Features
International Standard Package
Plastic Overmolded Tab
Low R
DS(ON) and QG
Avalanche Rated
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
650
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.0
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J = 125C
100
A
R
DS(on)
V
GS = 10V, ID = 12A, Note 1
145 m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
650
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
650
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C
8.5
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
48
A
I
A
T
C = 25C12
A
E
AS
T
C = 25C
600
mJ
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
50
V/ns
P
D
T
C = 25C37
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque
1.13 / 10
Nm/lb.in
Weight
2.5
g
G = Gate
D = Drain
S = Source
OVERMOLDED TO-220
G
D S
(Electrically Isolated Tab)
Advance Technical Information


Similar Part No. - IXTP24N65X2M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP24N65X2 IXYS-IXTP24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
logo
Inchange Semiconductor ...
IXTP24N65X2 ISC-IXTP24N65X2 Datasheet
434Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP24N65X2M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
Advance Technical Information
IXGH10N300 IXYS-IXGH10N300 Datasheet
232Kb / 5P
Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
Advance Technical Information
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com