Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA88 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 13Page - ATMEL Corporation ATMEGA88 Datasheet HTML 14Page - ATMEL Corporation ATMEGA88 Datasheet HTML 15Page - ATMEL Corporation ATMEGA88 Datasheet HTML 16Page - ATMEL Corporation ATMEGA88 Datasheet HTML 17Page - ATMEL Corporation ATMEGA88 Datasheet HTML 18Page - ATMEL Corporation ATMEGA88 Datasheet HTML 19Page - ATMEL Corporation ATMEGA88 Datasheet HTML 20Page - ATMEL Corporation ATMEGA88 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 349 page
background image
17
ATmega48/88/168
2545D–AVR–07/04
Figure 10. Data Memory Map
Data Memory Access Times
This section describes the general access timing concepts for internal memory access.
The internal data SRAM access is performed in two clk
CPU cycles as described in Figure
11.
Figure 11. On-chip Data SRAM Access Cycles
EEPROM Data Memory
The ATmega48/88/168 contains 256/512/512 bytes of data EEPROM memory. It is
organized as a separate data space, in which single bytes can be read and written. The
EEPROM has an endurance of at least 100,000 write/erase cycles. The access
between the EEPROM and the CPU is described in the following, specifying the
EEPROM Address Registers, the EEPROM Data Register, and the EEPROM Control
Register.
“Memory Programming” on page 270 contains a detailed description on EEPROM Pro-
gramming in SPI or Parallel Programming mode.
EEPROM Read/Write Access
The EEPROM Access Registers are accessible in the I/O space.
The write access time for the EEPROM is given in Table 3. A self-timing function, how-
ever, lets the user software detect when the next byte can be written. If the user code
contains instructions that write the EEPROM, some precautions must be taken. In
heavily filtered power supplies, V
CC is likely to rise or fall slowly on power-up/down. This
causes the device for some period of time to run at a voltage lower than specified as
32 Registers
64 I/O Registers
Internal SRAM
(512/1024/1024 x 8)
0x0000 - 0x001F
0x0020 - 0x005F
0x02FF/0x04FF/0x04FF
0x0060 - 0x00FF
Data Memory
160 Ext I/O Reg.
0x0100
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com