Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY8N65X2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTY8N65X2
Description  Preliminary Technical Information
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY8N65X2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTY8N65X2 Datasheet HTML 1Page - IXYS Corporation IXTY8N65X2 Datasheet HTML 2Page - IXYS Corporation IXTY8N65X2 Datasheet HTML 3Page - IXYS Corporation IXTY8N65X2 Datasheet HTML 4Page - IXYS Corporation IXTY8N65X2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
Fig. 5. RDS(on) Normalized to ID = 4A Value vs.
Drain Current
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
02
46
8
10
12
14
16
18
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
1
2
3
4
5
6
7
8
9
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 1. Output Characteristics @ TJ = 25ºC
0
1
2
3
4
5
6
7
8
0
0.5
1
1.5
2
2.5
3
3.5
4
VDS - Volts
VGS = 10V
8V
5V
6V
7V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
1
2
3
4
5
6
7
8
01
2
3
4567
89
10
VDS - Volts
VGS = 10V
7V
4V
5V
6V
Fig. 4. RDS(on) Normalized to ID = 4A Value vs.
Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 8A
I D = 4A
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
2
4
6
8
10
12
14
16
18
0
4
8
12
16
20
24
28
32
VDS - Volts
VGS = 10V
8V
7V
6V
5V
IXTY8N65X2
IXTA8N65X2
IXTP8N65X2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com