Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JM38510/30003SCA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # JM38510/30003SCA
Description  HEX INVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JM38510/30003SCA Datasheet(HTML) 2 Page - Texas Instruments

  JM38510/30003SCA Datasheet HTML 1Page - Texas Instruments JM38510/30003SCA Datasheet HTML 2Page - Texas Instruments JM38510/30003SCA Datasheet HTML 3Page - Texas Instruments JM38510/30003SCA Datasheet HTML 4Page - Texas Instruments JM38510/30003SCA Datasheet HTML 5Page - Texas Instruments JM38510/30003SCA Datasheet HTML 6Page - Texas Instruments JM38510/30003SCA Datasheet HTML 7Page - Texas Instruments JM38510/30003SCA Datasheet HTML 8Page - Texas Instruments JM38510/30003SCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SN5404, SN54LS04, SN54S04,
SN7404, SN74LS04, SN74S04
HEX INVERTERS
SDLS029C − DECEMBER 1983 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube
SN7404N
SN7404N
PDIP − N
Tube
SN74LS04N
SN74LS04N
PDIP − N
Tube
SN74S04N
SN74S04N
Tube
SN7404D
7404
Tape and reel
SN7404DR
7404
SOIC − D
Tube
SN74LS04D
LS04
0
°C to 70°C
SOIC − D
Tape and reel
SN74LS04DR
LS04
0 C to 70 C
Tube
SN74S04D
S04
Tape and reel
SN74S04DR
S04
Tape and reel
SN7404NSR
SN7404
SOP − NS
Tape and reel
SN74LS04NSR
74LS04
SOP − NS
Tape and reel
SN74S04NSR
74S04
SSOP − DB
Tape and reel
SN74LS04DBR
LS04
Tube
SN5404J
SN5404J
Tube
SNJ5404J
SNJ5404J
CDIP − J
Tube
SN54LS04J
SN54LS04J
CDIP − J
Tube
SN54S04J
SN54S04J
Tube
SNJ54LS04J
SNJ54LS04J
−55
°C to 125°C
Tube
SNJ54S04J
SNJ54S04J
−55 C to 125 C
Tube
SNJ5404W
SNJ5404W
CFP − W
Tube
SNJ54LS04W
SNJ54LS04W
CFP − W
Tube
SNJ54S04W
SNJ54S04W
LCCC − FK
Tube
SNJ54LS04FK
SNJ54LS04FK
LCCC − FK
Tube
SNJ54S04FK
SNJ54S04FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com